Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3932 Datasheet(PDF) 28 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 28 Page - ams AG

Back Button AS3932 Datasheet HTML 24Page - ams AG AS3932 Datasheet HTML 25Page - ams AG AS3932 Datasheet HTML 26Page - ams AG AS3932 Datasheet HTML 27Page - ams AG AS3932 Datasheet HTML 28Page - ams AG AS3932 Datasheet HTML 29Page - ams AG AS3932 Datasheet HTML 30Page - ams AG AS3932 Datasheet HTML 31Page - ams AG AS3932 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
www.austriamicrosystems.com/AS3932
Revision 1.2
28 - 33
AS3932
Data Sheet - Detailed Description
8.9.3 External Clock Source
To clock the AS3932 with an external signal the crystal oscillator has to be enabled (R1<1>=1). As shown in the Figure 3 the clock must be
applied on the pin XIN while the pin XOUT must stay floating. The RC time constant has to be 100μs with a tolerance of ±10% (e.g. R=680 k
Ω
and C=22pF). In the Table 24 the clock characteristics are summarized.
Note:
In power down mode the external clock has to be set to VDD.
8.10 Channel Selection in Scanning Mode and ON/OFF Mode
In case only 2 channels are active and one of the Low Power modes is enabled, then the channels 1 and 3 have to be active. If the chip works in
On-Off mode and only one channel is active then the active channel has to be the channel 1.
Both Low Power modes are not allowed to be enabled at the same time.
Table 24. Characteristics of External Clock
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VI
Low level
0
0.1 *
VDD
V
Vh
High level
0.9 *
VDD
VDD
V
Tr
Rise-time
3
µs
Tf
Fall-time
3
µs
T=1/2
πRC
RC Time constant
90
100
110
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com