Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3932 Datasheet(PDF) 25 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 25 Page - ams AG

Back Button AS3932 Datasheet HTML 21Page - ams AG AS3932 Datasheet HTML 22Page - ams AG AS3932 Datasheet HTML 23Page - ams AG AS3932 Datasheet HTML 24Page - ams AG AS3932 Datasheet HTML 25Page - ams AG AS3932 Datasheet HTML 26Page - ams AG AS3932 Datasheet HTML 27Page - ams AG AS3932 Datasheet HTML 28Page - ams AG AS3932 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
www.austriamicrosystems.com/AS3932
Revision 1.2
25 - 33
AS3932
Data Sheet - Detailed Description
8.7.3 Single Pattern Detection (Manchester decoder enabled)
The Figure shows the wakeup protocol in case both the pattern correlation and the Manchester decoder are enabled (R1<1>=1 and R1<3>=1)
for a 125 kHz carrier frequency. The initial carrier burst has to be at least 42 Manchester symbols long and has to be followed by a separation bit
(one bit of no-carrier). The carrier burst must be followed by a minimum 4 Manchester symbol preamble (10101010) and the pattern stored in the
R5<7:0> and R6<7:0>. The preamble can only be made up by integer Manchester symbol and the preamble duration together with the pattern
should not be longer than 40 bits. If the pattern is correct the signal on the WAKE pin is set to high, the data are internally decoded and the
Manchester clock is recovered. To set the AS3932 back to listening mode the direct command clear_false or the time out option (R7<7:5>) can
be used.
In case the On/OFF mode is enabled the Manchester decoder can not be used.
Figure 20. Wakeup Protocol Overview with Single Pattern Detection (Manchester decoder enabled)
8.8 False Wakeup Register
The wakeup strategy in the AS3932 is based on 2 steps:
1. Frequency Detection: in this phase the frequency of the received signal is checked.
2. Pattern Correlation: here the pattern is demodulated and checked whether it corresponds to the valid one.
If there is a disturber or noise capable to overcome the first step (frequency detection) without producing a valid pattern, then a false wakeup call
happens.Each time this event is recognized a counter is incremented by one and the respective counter value is stored in a memory cell (false
wakeup register). Thus, the microcontroller can periodically look at the false wakeup register, to get a feeling how noisy the surrounding
environment is and can then react accordingly (e.g. reducing the gain of the LNA during frequency detection, set the AS3932 temporarily to
power down etc.), as shown in the Figure 21. The false wakeup counter is a useful tool to quickly adapt the system to any changes in the noise
environment and thus avoid false wakeup events.
1212
13.20
13.20
1170
13.67
13.67
1128
14.18
14.18
1092
14.65
14.65
1056
15.15
15.15
1024
15.62
15.62
Table 21. Preamble Requirements in Standard Mode, Scanning Mode and ON/OFF Mode
Bit rate (bit/s)
Maximum duration of the carrier burst in Standard
Mode and Scanning Mode (ms)
Maximum duration of the carrier burst in ON/OFF Mode
(ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com