Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3932 Datasheet(PDF) 29 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 29 Page - ams AG

Back Button AS3932 Datasheet HTML 25Page - ams AG AS3932 Datasheet HTML 26Page - ams AG AS3932 Datasheet HTML 27Page - ams AG AS3932 Datasheet HTML 28Page - ams AG AS3932 Datasheet HTML 29Page - ams AG AS3932 Datasheet HTML 30Page - ams AG AS3932 Datasheet HTML 31Page - ams AG AS3932 Datasheet HTML 32Page - ams AG AS3932 Datasheet HTML 33Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
www.austriamicrosystems.com/AS3932
Revision 1.2
29 - 33
AS3932
Data Sheet - Package Drawings and Markings
9 Package Drawings and Markings
Figure 23. Package Diagram 16 pin TSSOP
Table 25. Package Dimensions 16 pin TSSOP
Symbol
Min
Typ
Max
Symbol
Min
Typ
Max
A
1.10
E
6.40 BSC
A1
0.05
0.15
L
0.50
0.60
0.70
A2
0.85
0.90
0.95
a
aaa
0.076
N, P, P1
See Variations
b
0.19
-
0.30
Variations:
b1
0.19
0.22
0.25
D
P
P1
N
bbb
0.10
AA/AAT
2.90
3.00
3.10
1.59
3.2
8
C
0.09
-
0.20
AB-1/ABT-1
4.90
5.00
5.10
3.1
3.0
14
C1
0.09
0.127
0.16
AB/ABT
4.90
5.00
5.10
3.0
3.0
16
D
See Variations
AC/ACT
6.40
6.50
6.60
4.2
3.0
20
E1
4.30
4.40
4.50
AD/ADT
7.70
7.80
7.90
5.5
3.2
24
e
0.65 BSC
AE/AET
9.60
9.70
9.80
5.5
3.0
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com