Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3932 Datasheet(PDF) 7 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 7 Page - ams AG

Back Button AS3932 Datasheet HTML 3Page - ams AG AS3932 Datasheet HTML 4Page - ams AG AS3932 Datasheet HTML 5Page - ams AG AS3932 Datasheet HTML 6Page - ams AG AS3932 Datasheet HTML 7Page - ams AG AS3932 Datasheet HTML 8Page - ams AG AS3932 Datasheet HTML 9Page - ams AG AS3932 Datasheet HTML 10Page - ams AG AS3932 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
www.austriamicrosystems.com/AS3932
Revision 1.2
7 - 33
AS3932
Data Sheet - Absolute Maximum Ratings
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 3 may cause permanent damage to the device. These are stress ratings only. Functional operation of the
device at these or any other conditions beyond those indicated in Section 6 Electrical Characteristics on page 8 is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Table 3. Absolute Maximum Ratings
Parameter
Min
Max
Units
Notes
DC supply voltage (VDD)-0.5
5
V
Input pin voltage (VIN)-0.5
5
V
Input current (latch up immunity) (ISOURCE)
-100
100
mA
Norm: Jedec 78
Electrostatic discharge (ESD)
±2
kV
Norm: MIL 883 E method 3015 (HBM)
Total power dissipation
(all supplies and outputs)
(Pt)
0.07
mW
Storage temperature (Tstrg)
-65
150
ºC
Package body temperature (Tbody)
260
ºC
Norm: IPC/JEDEC J-STD-020C
1
1. The reflow peak soldering temperature (body temperature) is specified according IPC/JEDEC J-STD-020C “Moisture/Reflow Sensitivity
Classification for Nonhermetic Solid State Surface Mount Devices”.
Humidity non-condensing
5
85
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com