Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3932 Datasheet(PDF) 8 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 8 Page - ams AG

Back Button AS3932 Datasheet HTML 4Page - ams AG AS3932 Datasheet HTML 5Page - ams AG AS3932 Datasheet HTML 6Page - ams AG AS3932 Datasheet HTML 7Page - ams AG AS3932 Datasheet HTML 8Page - ams AG AS3932 Datasheet HTML 9Page - ams AG AS3932 Datasheet HTML 10Page - ams AG AS3932 Datasheet HTML 11Page - ams AG AS3932 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
www.austriamicrosystems.com/AS3932
Revision 1.2
8 - 33
AS3932
Data Sheet - Electrical Characteristics
6 Electrical Characteristics
Table 4. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Operating Conditions
AVDD
Positive supply voltage
2.4
3.6
V
AVSS
Negative supply voltage
0
0
V
Tamb
Ambient temperature
-40
85
ºC
DC/AC Characteristics for Digital Inputs and Outputs
CMOS Input
VIH
High level input voltage
0.58 *
VDD
0.7 *
VDD
0.83 *
VDD
V
VIL
Low level input voltage
0.125 *
VDD
0.2 *
VDD
0.3 *
DVDD
V
ILEAK
Input leakage current
100
nA
CMOS Output
VOH
High level output voltage
With a load current of 1mA
VDD -
0.4
V
VOL
Low level output voltage
With a load current of 1mA
VSS +
0.4
V
CL
Capacitive load
For a clock frequency of 1 MHz
400
pF
Tristate CMOS Output
VOH
High level output voltage
With a load current of 1mA
VDD -
0.4
V
VOL
Low level output voltage
With a load current of 1mA
VSS +
0.4
V
IOZ
Tristate leakage current
to DVDD and DVSS
100
nA
Table 5. Electrical System Specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Input Characteristics
Rin
Input Impedance
In case no antenna damper is set (R1<4>=0)
2
M Ohm
Fmin
Minimum Input Frequency
110
kHz
Fmax
Maximum Input Frequency
150
kHz
Current Consumption
IPWD
Power Down Mode
400
800
nA
I1CHRC
Current Consumption in
standard listening mode with
one active channel and RC-
oscillator as RTC
2.7
µA
I2CHRC
Current Consumption in
standard listening mode with
two active channels and RC-
oscillator as RTC
4.2
µA
I3CHRC
Current Consumption in
standard listening mode with
three active channels and RC-
oscillator as RTC
5.7
8.3
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com