Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3932 Datasheet(PDF) 5 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 5 Page - ams AG

  AS3932 Datasheet HTML 1Page - ams AG AS3932 Datasheet HTML 2Page - ams AG AS3932 Datasheet HTML 3Page - ams AG AS3932 Datasheet HTML 4Page - ams AG AS3932 Datasheet HTML 5Page - ams AG AS3932 Datasheet HTML 6Page - ams AG AS3932 Datasheet HTML 7Page - ams AG AS3932 Datasheet HTML 8Page - ams AG AS3932 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
www.austriamicrosystems.com/AS3932
Revision 1.2
5 - 33
AS3932
Data Sheet - Pin Assignments
4 Pin Assignments
4.1 TSSOP Package
Figure 4. Pin Assignments 16 pin TSSOP Package
4.1.1 Pin Descriptions
Table 1. Pin Descriptions 16 pin TSSOP Package
Pin Name
Pin
Number
Pin Type
Description
CS
1
DI
Chip select
SCL
2
DI
SDI interface clock
SDI
3
DI
SDI data input
SDO
4
DO_T
SDI data output (tristate when CS is low)
VCC
5
S
Positive supply voltage
GND
6
S
Negative supply voltage
LF3P
7
AIO
Input antenna channel three
LF2P
8
AIO
Input antenna channel two
LF1P
9
AIO
Input antenna channel one
LFN
10
AIO
Common ground for antenna one, two and three
XIN
11
AIO
Crystal oscillator input
XOUT
12
AIO
Crystal oscillator output
VSS
13
S
Substrate
WAKE
14
DO
Wakeup output IRQ
DAT
15
DO
Data output
CL_DAT
16
DO
Manchester recovered clock
AS3932
1
2
3
4
5
6
7
12
16
15
14
13
SCL
SDI
SDO
VCC
GND
LF3P
DAT
WAKE
VSS
XOUT
XIN
LFN
11
10
CS
CL_DAT
8
9
LF2P
LF1P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com