Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3932 Datasheet(PDF) 9 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 9 Page - ams AG

Back Button AS3932 Datasheet HTML 5Page - ams AG AS3932 Datasheet HTML 6Page - ams AG AS3932 Datasheet HTML 7Page - ams AG AS3932 Datasheet HTML 8Page - ams AG AS3932 Datasheet HTML 9Page - ams AG AS3932 Datasheet HTML 10Page - ams AG AS3932 Datasheet HTML 11Page - ams AG AS3932 Datasheet HTML 12Page - ams AG AS3932 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
www.austriamicrosystems.com/AS3932
Revision 1.2
9 - 33
AS3932
Data Sheet - Electrical Characteristics
I3CHSCRC
Current Consumption in
scanning mode with three
active channels and RC-
oscillator as RTC
2.7
µA
I3CHOORC
Current Consumption in ON/
OFF mode with three active
channels and RC-oscillator as
RTC
11% Duty Cycle
1.7
µA
50% Duty Cycle
3.45
I3CHXT
Current Consumption in
standard listening mode with
three active channels and
crystal oscillator as RTC
6.5
8.9
µA
IDATA
Current Consumption in
Preamble detection / Pattern
correlation / Data receiving
mode (RC-oscillator)
With 125 kHz carrier frequency and 1 kbps
data-rate. No load on the output pins.
8.3
12
µA
Input Sensitivity
SENS
Input Sensitivity on all
channels
With 125 kHz carrier frequency, chip in default
mode, 4 half bits burst + 4 symbols preamble
and single preamble detection
100
µVrms
Channel Settling Time
TSAMP
Amplifier settling time
250
µs
Crystal Oscillator
FXTAL
Frequency
Crystal dependent
32.768
kHz
TXTAL
Start-up Time
Crystal dependent
1
s
IXTAL
Current consumption
1
µA
External Clock Source
IEXTCL
Current consumption
1
µA
RC Oscillator
FRCNCAL
Frequency
If no calibration is performed
27
32.768
42
kHz
FRCCAL32
Frequency
If calibration with 32.768 kHz reference signal
is performed
31
32.768
34.5
kHz
FRCCALMAX
Frequency
Maximum achievable frequency after
calibration
35
kHz
FRCCALMIN
Frequency
Minimum achievable frequency after calibration
30
kHz
TCALRC
Calibration time
65
Periods of
reference
clock
IRC
Current consumption
200
nA
Table 5. Electrical System Specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com