Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3932 Datasheet(PDF) 16 Page - ams AG

Part # AS3932
Description  3D Low Frequency Wakeup Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3932 Datasheet(HTML) 16 Page - ams AG

Back Button AS3932 Datasheet HTML 12Page - ams AG AS3932 Datasheet HTML 13Page - ams AG AS3932 Datasheet HTML 14Page - ams AG AS3932 Datasheet HTML 15Page - ams AG AS3932 Datasheet HTML 16Page - ams AG AS3932 Datasheet HTML 17Page - ams AG AS3932 Datasheet HTML 18Page - ams AG AS3932 Datasheet HTML 19Page - ams AG AS3932 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
www.austriamicrosystems.com/AS3932
Revision 1.2
16 - 33
AS3932
Data Sheet - Detailed Description
8.3.3.1 SDI Command Structure
To program the SDI the CS signal has to go high. A SDI command is made up by a two bytes serial command and the data is sampled on the
falling edge of SCLK. The Table 9 shows how the command looks like, from the MSB (B15) to LSB (B0). The command stream has to be sent to
the SDI from the MSB (B15) to the LSB (B0).
The first two bits (B15 and B14) define the operating mode. There are three modes available (write, read, direct command) plus one spare (not
used), as shown in Table 10.
In case a write or read command happens the next 5 bits (B13 to B9) define the register address which has to be written respectively read, as
shown in Table 11.
The last 8 bits are the data that has to be written respectively read. A CS toggle high-low-high terminates the command mode.
If a direct command is sent (B15-B14=11) the bits from B13 to B9 defines the direct command while the last 8 bits are omitted. The Table 12
shows all possible direct commands:
Table 9. SDI Command Structure
Mode
Register address / Direct Command
Register Data
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Table 10. SDI Command Structure
B15
B14
Mode
00
WRITE
0
1
READ
1
0
NOT ALLOWED
1
1
DIRECT COMMAND
Table 11. SDI Command Structure
B13
B12
B11
B10
B9
B8
Read/Write register
000
000
R0
000
001
R1
000
010
R2
000
011
R3
000
100
R4
000
101
R5
000
110
R6
000
111
R7
001
000
R8
001
001
R9
001
010
R10
001
011
R11
001
100
R12
001
101
R13
Table 12. List of Direct Commands
COMMAND_MODE
B13
B12
B11
B10
B9
B8
clear_wake
0
00000
reset_RSSI
0
00001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com