Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS277H Datasheet (PDF) - Diodes Incorporated

ATS277H Datasheet PDF - Diodes Incorporated
Part # ATS277H
Download  ATS277H Download
File Size   209.53 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description COMPLEMENTARY OUTPUT HALL EFFECT LATCH

ATS277H Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS277H Datasheet PDF - Diodes Incorporated

Part # ATS277H
Download  ATS277H Click to download

File Size   209.53 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description COMPLEMENTARY OUTPUT HALL EFFECT LATCH

ATS277H Datasheet (HTML) - Diodes Incorporated


ATS277H Product details

Features
• On-Chip Hall Sensor with Two Different Sensitivity and
Hysteresis Settings for ATS277H
• 3.5V to 20V Operating Voltage
• 400mA (avg.) Output Sink Current
• Built-in Protecting Diode Only for Chip Reverse Power
Connecting
• -20°C to 85°C Operating Temperature
• Low Profile 4 Pin SIP Package
• Lead Free package: SIP-4L
• SIP-4L: Available in “Green” Molding Compound
(No Br, Sb)
• Lead Free Finish/ RoHS Compliant (Note 1)

Applications
• Dual-Coil Brush-Less DC Motor
• Dual-Coil Brush-Less DC Fan
• Revolution Counting
• Speed Measurement




Similar Part No. - ATS277H

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ATS277 ANACHIP-ATS277 Datasheet
198Kb / 7P
Complementary Output Hall Effect Latch
Rev.B1 Mar 17, 2004
ATS277-P-A ANACHIP-ATS277-P-A Datasheet
198Kb / 7P
Complementary Output Hall Effect Latch
Rev.B1 Mar 17, 2004
ATS277-P-B ANACHIP-ATS277-P-B Datasheet
198Kb / 7P
Complementary Output Hall Effect Latch
Rev.B1 Mar 17, 2004
ATS277-PA-A ANACHIP-ATS277-PA-A Datasheet
198Kb / 7P
Complementary Output Hall Effect Latch
Rev.B1 Mar 17, 2004
ATS277-PA-B ANACHIP-ATS277-PA-B Datasheet
198Kb / 7P
Complementary Output Hall Effect Latch
Rev.B1 Mar 17, 2004
More results


Similar Description - ATS277H

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3275 ALLEGRO-3275 Datasheet
65Kb / 4P
COMPLEMENTARY-OUTPUT HALL-EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH276 BCDSEMI-AH276 Datasheet
178Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH277A BCDSEMI-AH277A Datasheet
172Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
AH276Q DIODES-AH276Q Datasheet
238Kb / 6P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276Q Rev. 1
logo
Unisonic Technologies
H654 UTC-H654_10 Datasheet
125Kb / 5P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
AH276Q DIODES-AH276Q_09 Datasheet
188Kb / 8P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Rev erse
logo
Nanjing Ouzhuo Technolo...
OH277 OHHALLSENSOR-OH277 Datasheet
190Kb / 5P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
AH277A DIODES-AH277A Datasheet
857Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Rev ersed
AH276 DIODES-AH276 Datasheet
868Kb / 10P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
Rev ersed
logo
Unisonic Technologies
H654 UTC-H654_15 Datasheet
125Kb / 5P
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com