Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC05 Datasheet (PDF) - NXP Semiconductors

M68HC05 Datasheet PDF - NXP Semiconductors
Part # M68HC05
Download  M68HC05 Download
File Size   2619.54 Kbytes
Page   216 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description General Release Specification

M68HC05 Datasheet (PDF)

Go To PDF Page Download Datasheet
M68HC05 Datasheet PDF - NXP Semiconductors

Part # M68HC05
Download  M68HC05 Click to download

File Size   2619.54 Kbytes
Page   216 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description General Release Specification

M68HC05 Datasheet (HTML) - NXP Semiconductors


M68HC05 Product details

Features
• Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC05JJ6)
or 28-Pin Package (MC68HC05JP6)
• 6160 Bytes of User ROM, Including 8 Bytes of Security Code and
16 Bytes of User Vectors
• 224 Bytes of Low-Power User RAM (4 Transistor RAM)
• 16-Bit Programmable Timer with Input Capture and Output
Compare
• 15-Stage Core Timer, Including 8-Bit Free-Running Counter
and 4-Stage, Selectable Real-Time Interrupt Generator
• Simple Serial Input/Output Port (SIOP) with Interrupt Capability
• Two Voltage Comparators which Can be Combined with the 16-
Bit Programmable Timer to Create a 4-Channel, Single-Slope
Analog-to-Digital (A/D) Converter
• Voltage Comparator 1 Output Can Drive the PB4 Port Pin Directly
under Software Control
• 14 Input/Output (I/O) Lines (MC68HC05JJ6) or 22 I/O Lines
(MC68HC05JP6), Including High-Source/Sink Current Capability
on Six I/O Pins (MC68HC05JJ6) or 14 I/O Pins (MC68HC05JP6)
• Mask Option Selectable Software Programmable Pulldowns on All
I/O Pins and Keyboard Scan Interrupt on Four I/O Pins
• Software Mask and Request Bit for IRQ Interrupt with Mask Option
Selectable Sensitivity on IRQ Interrupt (Edge- and Level-Sensitive
or Edge-Only)
• ROM Security Bytes1 to Aid in Locking Out Access to ROM Array
• Mask Option Selectable Computer Operating Properly (COP)
Watchdog System
• On-Chip Temperature Measurement Diode
• Mask Option Selectable Low-Voltage Inhibit to Reset CPU in Low-
Voltage Conditions
• On-Chip Oscillator with Device Selection of Crystal/Ceramic
Resonator or RC Operation and Mask Option Selectable Shunt
Resistor, Approximately 2 MΩ
• Internal Oscillator for Lower-Power Operation, Approximately
100 kHz (500 kHz Selected as a Mask Option)
• Power-Saving Stop Mode and Wait Mode Instructions (Mask
Option Selectable STOP Conversion to Halt and Separate Mask
Option for Fast 16-Cycle Restart)
• Illegal Address Reset
• Internal Steering Diode and Pullup Device on RESET Pin to VDD




Similar Part No. - M68HC05

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC05 MOTOROLA-M68HC05 Datasheet
2Mb / 222P
M68HC05 MICROCONTROLLERS
logo
Freescale Semiconductor...
M68HC05 FREESCALE-M68HC05 Datasheet
3Mb / 302P
Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
755Kb / 118P
Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
Microcontrollers
logo
NXP Semiconductors
M68HC05 NXP-M68HC05 Datasheet
3Mb / 96P
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Units
Rev. 2.1 08/2005
More results


Similar Description - M68HC05

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
68HC705H12 MOTOROLA-68HC705H12 Datasheet
1Mb / 196P
General Release Specification
logo
Freescale Semiconductor...
68HC05C5 FREESCALE-68HC05C5 Datasheet
1Mb / 58P
SPECIFICATION (General Release)
68HC05CC1 FREESCALE-68HC05CC1 Datasheet
11Mb / 140P
SPECIFICATION (General Release)
logo
Motorola, Inc
68HC05L5 MOTOROLA-68HC05L5 Datasheet
942Kb / 200P
General Release Specification
logo
Freescale Semiconductor...
68HC05P4A FREESCALE-68HC05P4A_1 Datasheet
2Mb / 83P
SPECIFICATION (General Release)
logo
Motorola, Inc
68HC05PD6 MOTOROLA-68HC05PD6 Datasheet
815Kb / 165P
SPECIFICATION (General Release)
logo
Freescale Semiconductor...
MC68HC705CT4 FREESCALE-MC68HC705CT4 Datasheet
970Kb / 152P
General Release Specification
MC68HC08LN56 FREESCALE-MC68HC08LN56 Datasheet
1Mb / 246P
General Release Specification
logo
NXP Semiconductors
MC68HC05RC8 NXP-MC68HC05RC8 Datasheet
1Mb / 122P
General Release Specification
REV. 3.0
MC68HC705MC4 NXP-MC68HC705MC4 Datasheet
1Mb / 180P
General Release Specification
REV. 2.0
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com