Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC05 Datasheet (PDF) - NXP Semiconductors

M68HC05 Datasheet PDF - NXP Semiconductors
Part # M68HC05
Download  M68HC05 Download
File Size   3447.53 Kbytes
Page   96 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Units

M68HC05 Datasheet (PDF)

Go To PDF Page Download Datasheet
M68HC05 Datasheet PDF - NXP Semiconductors

Part # M68HC05
Download  M68HC05 Click to download

File Size   3447.53 Kbytes
Page   96 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Units

M68HC05 Datasheet (HTML) - NXP Semiconductors


M68HC05 Product details

Features
• Fully static chip design featuring the industry standard 8-bit M68HC05 core
• Pin compatible with the MC6805R3
• Power saving STOP, WAIT, and SLOW modes
• 3840 bytes of user ROM with security feature in MC68HC05SR3
3840 bytes of EPROM with security bit in MC68HC705SR3
• 192 bytes of RAM (64 bytes for stack)
• 32 bidirectional I/O lines
• Keyboard interrupts
• 8-bit count-down timer with programmable 7-bit prescaler
• On-chip crystal oscillator, with built-in capacitor for RC option
• Second software programmable external interrupt line (IRQ2)
• Direct LED drive capability on all ports
• Programmable 20KΩ pull-up resistors integrated into I/O ports
• Internal 100KΩ pull-up resistors on IRQ and RESET pins
• Four channel 8-bit Analog to Digital Converter
• Low Voltage Reset
• Available in 40-pin PDIP, 42-pin SDIP and 44-pin QFP packages




Similar Part No. - M68HC05

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC05 MOTOROLA-M68HC05 Datasheet
2Mb / 222P
M68HC05 MICROCONTROLLERS
logo
Freescale Semiconductor...
M68HC05 FREESCALE-M68HC05 Datasheet
3Mb / 302P
Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
755Kb / 118P
Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
Microcontrollers
logo
NXP Semiconductors
M68HC05 NXP-M68HC05 Datasheet
345Kb / 4P
MCUasmTM Assembly Language Toolset for Microcontrollers
More results


Similar Description - M68HC05

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
HC05 MOTOROLA-HC05 Datasheet
1Mb / 232P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC11KG4 MOTOROLA-MC68HC11KG4 Datasheet
7Mb / 246P
High-density complementary metal oxide semiconductor(HCMOS) microcontroller unit
68HC705SR3 MOTOROLA-68HC705SR3 Datasheet
913Kb / 96P
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Units
MC68HC11G5 MOTOROLA-MC68HC11G5 Datasheet
839Kb / 195P
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller
logo
Freescale Semiconductor...
MC68HC05SR3 FREESCALE-MC68HC05SR3 Datasheet
2Mb / 96P
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Units
MC68HC05BD3 FREESCALE-MC68HC05BD3 Datasheet
8Mb / 112P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC05L28 FREESCALE-MC68HC05L28 Datasheet
706Kb / 124P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
Motorola, Inc
MC68HC05T16 MOTOROLA-MC68HC05T16 Datasheet
711Kb / 128P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
Freescale Semiconductor...
MC68HC705SR3CPE FREESCALE-MC68HC705SR3CPE Datasheet
2Mb / 96P
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Units
logo
NXP Semiconductors
MC68HC05P3 NXP-MC68HC05P3 Datasheet
9Mb / 114P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
Rev. 2
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com