Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC05SR3 Datasheet (PDF) - Freescale Semiconductor, Inc

MC68HC05SR3 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68HC05SR3
Download  MC68HC05SR3 Download
File Size   3045.68 Kbytes
Page   96 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Units

MC68HC05SR3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC05SR3 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68HC05SR3
Download  MC68HC05SR3 Click to download

File Size   3045.68 Kbytes
Page   96 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Units

MC68HC05SR3 Datasheet (HTML) - Freescale Semiconductor, Inc


MC68HC05SR3 Product details

GENERAL DESCRIPTION
The MC68HC05SR3 HCMOS microcontroller is a member of the M68HC05 family of low-cost single-chip microcontrollers. This 8-bit microcontroller unit (MCU) contains on-chip oscillator, CPU, RAM, ROM, I/O, Timer, and Analog-to-Digital Converter. The MC68HC05SR3 is pin compatible with the MC6805R3 and is provided as a low power upgrade path for MC6805R3 applications. The low power advantage of CMOS is combined with the addition of I/O and port modifications which help eliminate external components in cost sensitive applications.

Features
• Fully static chip design featuring the industry standard 8-bit M68HC05 core
• Pin compatible with the MC6805R3
• Power saving STOP, WAIT, and SLOW modes
• 3840 bytes of user ROM with security feature in MC68HC05SR3 3840 bytes of EPROM with security bit in MC68HC705SR3
• 192 bytes of RAM (64 bytes for stack)
• 32 bidirectional I/O lines
• Keyboard interrupts
• 8-bit count-down timer with programmable 7-bit prescaler
• On-chip crystal oscillator, with built-in capacitor for RC option
• Second software programmable external interrupt line (IRQ2)
• Direct LED drive capability on all ports
• Programmable 20KΩ pull-up resistors integrated into I/O ports
• Internal 100KΩ pull-up resistors on IRQ and RESET pins
• Four channel 8-bit Analog to Digital Converter
• Low Voltage Reset
• Available in 40-pin PDIP, 42-pin SDIP and 44-pin QFP packages




Similar Part No. - MC68HC05SR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC05SR3 FREESCALE-MC68HC05SR3 Datasheet
2Mb / 96P
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Units
logo
NXP Semiconductors
MC68HC05SR3 NXP-MC68HC05SR3 Datasheet
3Mb / 96P
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Units
Rev. 2.1 08/2005
logo
Freescale Semiconductor...
MC68HC05SR3D FREESCALE-MC68HC05SR3D Datasheet
2Mb / 96P
Microcontrollers
logo
NXP Semiconductors
MC68HC05SR3D NXP-MC68HC05SR3D Datasheet
3Mb / 96P
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Units
Rev. 2.1 08/2005
MC68HC05SR3H NXP-MC68HC05SR3H Datasheet
3Mb / 96P
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Units
Rev. 2.1 08/2005
More results


Similar Description - MC68HC05SR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
HC05 MOTOROLA-HC05 Datasheet
1Mb / 232P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC11KG4 MOTOROLA-MC68HC11KG4 Datasheet
7Mb / 246P
High-density complementary metal oxide semiconductor(HCMOS) microcontroller unit
68HC705SR3 MOTOROLA-68HC705SR3 Datasheet
913Kb / 96P
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Units
MC68HC11G5 MOTOROLA-MC68HC11G5 Datasheet
839Kb / 195P
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller
logo
Freescale Semiconductor...
MC68HC05BD3 FREESCALE-MC68HC05BD3 Datasheet
8Mb / 112P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC05L28 FREESCALE-MC68HC05L28 Datasheet
706Kb / 124P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
Motorola, Inc
MC68HC05T16 MOTOROLA-MC68HC05T16 Datasheet
711Kb / 128P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
Freescale Semiconductor...
MC68HC705SR3CPE FREESCALE-MC68HC705SR3CPE Datasheet
2Mb / 96P
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Units
logo
NXP Semiconductors
MC68HC05SR3 NXP-MC68HC05SR3 Datasheet
3Mb / 96P
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Units
Rev. 2.1 08/2005
MC68HC05P3 NXP-MC68HC05P3 Datasheet
9Mb / 114P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
Rev. 2
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com