Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05 Datasheet (PDF) - Motorola, Inc

HC05 Datasheet PDF - Motorola, Inc
Part # HC05
Download  HC05 Download
File Size   1095.22 Kbytes
Page   232 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit

HC05 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC05 Datasheet PDF - Motorola, Inc

Part # HC05
Download  HC05 Click to download

File Size   1095.22 Kbytes
Page   232 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit

HC05 Datasheet (HTML) - Motorola, Inc


HC05 Product details

INTRODUCTION

The MC68HC05X16 microcomputer (MCU) is a member of Motorola’s MC68HC05 family of low-cost single chip microcomputers. This 8-bit MCU contains an on-board controller area network module (MCAN), complete with interface circuitry, comprising output drivers, input comparators and a VDD/2 generator. In addition, the device contains an on-chip oscillator, CPU, RAM, ROM, EEPROM, A/D converter, pulse length modulated outputs, I/O, serial communications interface, programmable timer system and watchdog. The fully static design allows operation at frequencies down to dc, reducing power consumption to a few micro-amps.



Features

Hardware features

• Fully static design featuring the industry standard M68HC05 family CPU core

• On chip crystal oscillator with divide-by -2, -4, -8 or -10, or a software selectable divide-by -32, -64, -128 or -160 option (SLOW mode)

• 352 bytes of RAM

• 15102 bytes of user ROM plus 16 bytes of user vectors

• 256 bytes of byte erasable EEPROM with internal charge pump and security bit

• Write/erase protect bit for 224 of the 256 bytes EEPROM

• Bootstrap firmware

• Power saving STOP, WAIT and SLOW modes

• Three 8-bit parallel I/O ports and one 8-bit input-only port; wired-OR interrupt capability on all port B pins

• Motorola controller area network (MCAN) with line interface circuitry

• Software option available to output the internal E-clock to port pin PC2

• 16-bit timer with 2 input captures and 2 output compares

• Computer operating properly (COP) watchdog timer

• Serial communications interface system (SCI) with independent transmitter/receiver baud rate selection; receiver wake-up function for use in multi-receiver systems

• 8 channel A/D converter

• 2 pulse length modulation systems which can be used as D/A converters

• One interrupt request input plus 4 on-board hardware interrupt sources

• 2.2 MHz bus speed

• –40 to +125°C temperature range

• Available in 64-pin quad flat pack (QFP) package

• Complete development system support available using the MMDS05 or M68MMPFB0508 development station with the M68EML05X32 emulation module or the M68HC05XEVS evaluation system



The MC68HC05X16 has six mask options that are programmed during manufacture and must be specified on the order form.

• Oscillator division ratio selection (divide-by-2, -4, -8 or -10)

• Oscillator start-up delay following power-on or STOP (tPORL) = 16 or 4064 cycles

• Automatic watchdog enable/disable following a power-on or external reset

• Watchdog enable/disable during WAIT mode

• Wired-OR interrupt enable

• Resistive pull-downs on ports B and/or C



 




Similar Part No. - HC05

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
HC0510P03 YANTEL-HC0510P03 Datasheet
1Mb / 9P
Hybrid Coupler 3 dB, 90o
HC0570C03 YANTEL-HC0570C03 Datasheet
1Mb / 9P
Hybrid Coupler 3 dB, 90o
logo
NXP Semiconductors
HC05RC16GRS/D NXP-HC05RC16GRS/D Datasheet
1Mb / 122P
General Release Specification
REV. 3.0
HC05RC17GRS/D NXP-HC05RC17GRS/D Datasheet
1Mb / 128P
General Release Specification
REV. 2.0
HC05V12GRS/D NXP-HC05V12GRS/D Datasheet
2Mb / 240P
M68HC05 Core with On-Chip Oscillator for Crystal/Ceramic
Rev. 1.0 December 10, 1996
More results


Similar Description - HC05

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11KG4 MOTOROLA-MC68HC11KG4 Datasheet
7Mb / 246P
High-density complementary metal oxide semiconductor(HCMOS) microcontroller unit
logo
Freescale Semiconductor...
MC68HC05BD3 FREESCALE-MC68HC05BD3 Datasheet
8Mb / 112P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC05X16 FREESCALE-MC68HC05X16 Datasheet
5Mb / 232P
High-density complementary metal oxide semiconductor HCMOS) microcontroller unit
MC68HC11G5 FREESCALE-MC68HC11G5 Datasheet
987Kb / 195P
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Unit
logo
Motorola, Inc
MC68HC05F8 MOTOROLA-MC68HC05F8 Datasheet
1Mb / 126P
High-density complementary metal oxide semiconductor(HCMOS) microcontroller unit
MC68HC05L2 MOTOROLA-MC68HC05L2 Datasheet
7Mb / 110P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
Freescale Semiconductor...
MC68HC05L28 FREESCALE-MC68HC05L28 Datasheet
706Kb / 124P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
Motorola, Inc
MC68HC05T16 MOTOROLA-MC68HC05T16 Datasheet
711Kb / 128P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
Freescale Semiconductor...
MC68HC11KW1 FREESCALE-MC68HC11KW1 Datasheet
3Mb / 238P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
NXP Semiconductors
MC68HC05P3 NXP-MC68HC05P3 Datasheet
9Mb / 114P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
Rev. 2
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com