Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC11KW1 Datasheet (PDF) - Freescale Semiconductor, Inc

MC68HC11KW1 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68HC11KW1
Download  MC68HC11KW1 Download
File Size   3373.32 Kbytes
Page   238 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit

MC68HC11KW1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC11KW1 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68HC11KW1
Download  MC68HC11KW1 Click to download

File Size   3373.32 Kbytes
Page   238 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit

MC68HC11KW1 Datasheet (HTML) - Freescale Semiconductor, Inc


MC68HC11KW1 Product details

INTRODUCTION

The MC68HC11KW1 8-bit microcontroller is a member of the M68HC11 family of HCMOS

microcontrollers. It has 640 bytes of EEPROM and 768 bytes of RAM. Making use of a 100-pin

TQFP package, a non-multiplexed expanded bus is a feature of this device. The main timer system

includes three input captures, four output compares and a software selectable input capture or

output compare. There are two additional 16-bit timers, each with three output compares and one

software selectable input capture or output compare. Other major features of this device are: a

10-channel, 10-bit resolution A/D converter, four PWM timer channels, an SPI (serial peripheral

interface) and an enhanced SCI (serial communications interface). In common with other family

members, the MC68HC11KW1 also includes an 8-bit pulse accumulator circuit, a real time

interrupt facility, and a computer operating properly watchdog system. This device is intended for

use in expanded memory applications.



Features

• Low power, high performance M68HC11 CPU core with 4MHz internal bus frequency

• 768 bytes of RAM

• 640 bytes of byte-erasable EEPROM, with on-chip charge pump

• 448 bytes of boot ROM

• Up to 70 general purpose I/O lines, plus up to 10 input-only lines

• Non-multiplexed address and data buses, permitting direct access to the full 64K byte address

map

• Memory expansion unit, with six address extension lines, allowing up to (for example) sixteen

32K byte banks of external memory to be addressed in either of two bank windows

• Four external chip selects

• 16-bit timer with 3/4 input captures and 5/4 output compares; pulse accumulator and COP

watchdog timer

• Real-time interrupt circuit

• Two additional 16-bit timers, each with 3 output compares and one input capture or output

compare (may be externally clocked, if required, for external event counter operation)

• SCI subsystem (NRZ type for compatibility with standard RS232 systems) with parity and a

modulus prescaler

• SPI subsystem, with software selectable MSB/LSB first option and increased baud rate selection range

• 10-channel, 10-bit analog-to-digital converter

• Four 8-bit PWM timer channels

• Available in 100-pin TQFP package

 




Similar Part No. - MC68HC11KW1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11KW1 MOTOROLA-MC68HC11KW1 Datasheet
1Mb / 238P
High-density complementary metal oxide semiconductor HCMOS) microcontroller unit
More results


Similar Description - MC68HC11KW1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
HC05 MOTOROLA-HC05 Datasheet
1Mb / 232P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC11KG4 MOTOROLA-MC68HC11KG4 Datasheet
7Mb / 246P
High-density complementary metal oxide semiconductor(HCMOS) microcontroller unit
logo
Freescale Semiconductor...
MC68HC05BD3 FREESCALE-MC68HC05BD3 Datasheet
8Mb / 112P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC05X16 FREESCALE-MC68HC05X16 Datasheet
5Mb / 232P
High-density complementary metal oxide semiconductor HCMOS) microcontroller unit
MC68HC11G5 FREESCALE-MC68HC11G5 Datasheet
987Kb / 195P
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Unit
logo
Motorola, Inc
MC68HC05F8 MOTOROLA-MC68HC05F8 Datasheet
1Mb / 126P
High-density complementary metal oxide semiconductor(HCMOS) microcontroller unit
MC68HC05L2 MOTOROLA-MC68HC05L2 Datasheet
7Mb / 110P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
Freescale Semiconductor...
MC68HC05L28 FREESCALE-MC68HC05L28 Datasheet
706Kb / 124P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
Motorola, Inc
MC68HC05T16 MOTOROLA-MC68HC05T16 Datasheet
711Kb / 128P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
NXP Semiconductors
MC68HC05P3 NXP-MC68HC05P3 Datasheet
9Mb / 114P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
Rev. 2
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com