Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC11G5 Datasheet (PDF) - Freescale Semiconductor, Inc

MC68HC11G5 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68HC11G5
Download  MC68HC11G5 Download
File Size   987.72 Kbytes
Page   195 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Unit

MC68HC11G5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC11G5 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68HC11G5
Download  MC68HC11G5 Click to download

File Size   987.72 Kbytes
Page   195 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Unit

MC68HC11G5 Datasheet (HTML) - Freescale Semiconductor, Inc


MC68HC11G5 Product details

INTRODUCTION
GENERAL
The MC68HC11G5, which includes 16 kilobytes of on-board ROM, is a member of the M68HC11 family of advanced capability MCUs. This device has 512 bytes of on-board static RAM and a nonmultiplexed expanded bus for accessing external memory.
The original MC68HC11 timer system is expanded to contain 3 input capture ports, 4 output compare ports and 3 software selectable input capture or output compare ports. A new 4-channel pulse width modulation timer has been added and there is also an event counter timer system.

FEATURES OF THE MOTOROLA MC68HC11G5 MCU
• Low-power/high-performance M68HC11 CPU core
• 16 kilobytes of ROM
• 256 bytes of bootstrap ROM
• 512 bytes of static RAM
• RAM, registers and I/O mappable to any 4k boundary
• Expanded non-multiplexed data/address buses give access to a total address space of 64 kilobytes
• Maximum of seven 8-bit, one 6-bit and one 4-bit I/O ports
• 2 separate 16-bit timers, each with its own E-clock divider circuitry
• External clock option on Timer 2
• 4 output compare (OC), 3 input capture (IC) and 3 selectable OC/IC channels
• 4 PWM timers, each with its own counter and programmable period and duty cycle
• Dual event counter featuring phase-shifter, pulse accumulator, periodic timer and 256 clock divider
• 8-channel, 10-bit A/D converter with 1, 4 and 8-channel scanning modes
• COP watchdog timer and clock monitor
• Serial I/O system incorporating asynchronous NRZ and synchronous SPI
• Single Chip, Expanded, Bootstrap and Test modes of operation
• 84-pin PLCC package (quad surface mount plastic)




Similar Part No. - MC68HC11G5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11G5 MOTOROLA-MC68HC11G5 Datasheet
839Kb / 195P
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller
MC68HC11G5CFN MOTOROLA-MC68HC11G5CFN Datasheet
839Kb / 195P
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller
More results


Similar Description - MC68HC11G5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
HC05 MOTOROLA-HC05 Datasheet
1Mb / 232P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC11KG4 MOTOROLA-MC68HC11KG4 Datasheet
7Mb / 246P
High-density complementary metal oxide semiconductor(HCMOS) microcontroller unit
logo
Freescale Semiconductor...
MC68HC05BD3 FREESCALE-MC68HC05BD3 Datasheet
8Mb / 112P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC05X16 FREESCALE-MC68HC05X16 Datasheet
5Mb / 232P
High-density complementary metal oxide semiconductor HCMOS) microcontroller unit
logo
Motorola, Inc
MC68HC05F8 MOTOROLA-MC68HC05F8 Datasheet
1Mb / 126P
High-density complementary metal oxide semiconductor(HCMOS) microcontroller unit
MC68HC05L2 MOTOROLA-MC68HC05L2 Datasheet
7Mb / 110P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
Freescale Semiconductor...
MC68HC05L28 FREESCALE-MC68HC05L28 Datasheet
706Kb / 124P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
Motorola, Inc
MC68HC05T16 MOTOROLA-MC68HC05T16 Datasheet
711Kb / 128P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
Freescale Semiconductor...
MC68HC11KW1 FREESCALE-MC68HC11KW1 Datasheet
3Mb / 238P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
NXP Semiconductors
MC68HC05P3 NXP-MC68HC05P3 Datasheet
9Mb / 114P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
Rev. 2
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com