Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC05BD3 Datasheet (PDF) - Freescale Semiconductor, Inc

MC68HC05BD3 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68HC05BD3
Download  MC68HC05BD3 Download
File Size   8395.59 Kbytes
Page   112 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit

MC68HC05BD3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC05BD3 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68HC05BD3
Download  MC68HC05BD3 Click to download

File Size   8395.59 Kbytes
Page   112 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit

MC68HC05BD3 Datasheet (HTML) - Freescale Semiconductor, Inc


MC68HC05BD3 Product details

GENERAL DESCRIPTION

The MC68HC05BD3 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers. This 8-bit microcontroller unit (MCU) contains an on-chip oscillator, CPU, RAM, ROM, parallel I/O capability with pins programmable as input or output, M-Bus serial interface system (I2C), Pulse Width Modulator, Multi-Function Timer, and Sync Signal Processor. These features make it particularly suitable as a multi-sync computer monitor MCU.



Features

• Fully static chip design featuring the industry standard 8-bit M68HC05 core

• Power saving Wait mode

• 128 bytes of on-chip RAM for MC68HC05BD3

  256 bytes for MC68HC705BD3and MC68HC05BD5

• 3.75K-bytes of user ROM for MC68HC05BD3

  7.75K-bytes of user ROM for MC68HC05BD5

  7.75K-bytes of user EPROM for MC68HC705BD3

• 24 bidirectional I/O lines: 14 dedicated and 10 multiplexed I/O lines.

   4 of the 14 dedicated I/O lines and 6 of the MUXed I/O lines have +10V open-drain O/Ps.

• 16 channels PWM outputs: 8 dedicated, +10V open-drain PWM channels and 8 multiplexed with I/O lines of which 6 of them have +10V open-drain outputs.

• M-Bus Serial Interface (I2C-bus†)

• Multi-Function Timer (MFT) with Periodic Interrupt

• COP watchdog reset

• Horizontal and Vertical Sync Signal Processor

• Self-check mode

• Available in 40-pin DIP and 42-pin SDIP packages




Similar Part No. - MC68HC05BD3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC05BD3 MOTOROLA-MC68HC05BD3 Datasheet
864Kb / 112P
HCMOS microcontroller
logo
NXP Semiconductors
MC68HC05BD3 NXP-MC68HC05BD3 Datasheet
1Mb / 112P
The MC68HC05BD3 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers.
MC68HC05BD3D/H NXP-MC68HC05BD3D/H Datasheet
1Mb / 112P
The MC68HC05BD3 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers.
More results


Similar Description - MC68HC05BD3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
HC05 MOTOROLA-HC05 Datasheet
1Mb / 232P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC11KG4 MOTOROLA-MC68HC11KG4 Datasheet
7Mb / 246P
High-density complementary metal oxide semiconductor(HCMOS) microcontroller unit
logo
Freescale Semiconductor...
MC68HC05X16 FREESCALE-MC68HC05X16 Datasheet
5Mb / 232P
High-density complementary metal oxide semiconductor HCMOS) microcontroller unit
MC68HC11G5 FREESCALE-MC68HC11G5 Datasheet
987Kb / 195P
High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Unit
logo
Motorola, Inc
MC68HC05F8 MOTOROLA-MC68HC05F8 Datasheet
1Mb / 126P
High-density complementary metal oxide semiconductor(HCMOS) microcontroller unit
MC68HC05L2 MOTOROLA-MC68HC05L2 Datasheet
7Mb / 110P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
Freescale Semiconductor...
MC68HC05L28 FREESCALE-MC68HC05L28 Datasheet
706Kb / 124P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
Motorola, Inc
MC68HC05T16 MOTOROLA-MC68HC05T16 Datasheet
711Kb / 128P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
Freescale Semiconductor...
MC68HC11KW1 FREESCALE-MC68HC11KW1 Datasheet
3Mb / 238P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
NXP Semiconductors
MC68HC05P3 NXP-MC68HC05P3 Datasheet
9Mb / 114P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
Rev. 2
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com