Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJP4013ASP Datasheet (PDF) - Renesas Technology Corp

RJP4013ASP Datasheet PDF - Renesas Technology Corp
Part # RJP4013ASP
Download  RJP4013ASP Download
File Size   90.29 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 400V, 150A, IGBT for Strobe Flash

RJP4013ASP Datasheet (PDF)

Go To PDF Page Download Datasheet
RJP4013ASP Datasheet PDF - Renesas Technology Corp

Part # RJP4013ASP
Download  RJP4013ASP Click to download

File Size   90.29 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 400V, 150A, IGBT for Strobe Flash

RJP4013ASP Datasheet (HTML) - Renesas Technology Corp


RJP4013ASP Product details

Features
 High speed switching




Similar Part No. - RJP4013ASP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP4013ASP RENESAS-RJP4013ASP_15 Datasheet
91Kb / 5P
400V, 150A, IGBT for Strobe Flash
More results


Similar Description - RJP4013ASP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP4003ANS RENESAS-RJP4003ANS Datasheet
87Kb / 5P
Nch IGBT for Strobe Flash
CY20AAJ-8 RENESAS-CY20AAJ-8 Datasheet
159Kb / 5P
Nch IGBT for Strobe Flash
CY25CAH-8F RENESAS-CY25CAH-8F Datasheet
52Kb / 5P
Nch IGBT for Strobe Flash
RJP4010AGE RENESAS-RJP4010AGE Datasheet
103Kb / 5P
Nch IGBT for Strobe Flash
RJP4010AGE RENESAS-RJP4010AGE_15 Datasheet
84Kb / 5P
400V, 150A, IGBT for Strobe Flash
RJP4301APP-M0 RENESAS-RJP4301APP-M0_15 Datasheet
65Kb / 5P
Nch IGBT for Strobe Flash
CY20AAJ-8H RENESAS-CY20AAJ-8H_15 Datasheet
342Kb / 5P
Nch IGBT for Strobe Flash 400V, 150A, 4V drive
RJP4013ASP RENESAS-RJP4013ASP_15 Datasheet
91Kb / 5P
400V, 150A, IGBT for Strobe Flash
RJP4009ANS RENESAS-RJP4009ANS_15 Datasheet
96Kb / 5P
Nch IGBT for Strobe Flash
RJP5001APP RENESAS-RJP5001APP_15 Datasheet
102Kb / 7P
Nch IGBT for Strobe Flash
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com