Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B340AX Datasheet (PDF) - Diodes Incorporated

B340AX Datasheet PDF - Diodes Incorporated
Part # B340AX
Download  B340AX Download
File Size   587.91 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3A TRENCH SCHOTTKY BARRIER RECTIFIER SMA

B340AX Datasheet (PDF)

Go To PDF Page Download Datasheet
B340AX Datasheet PDF - Diodes Incorporated

Part # B340AX
Download  B340AX Click to download

File Size   587.91 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3A TRENCH SCHOTTKY BARRIER RECTIFIER SMA

B340AX Datasheet (HTML) - Diodes Incorporated


B340AX Product details

Features
 Low Leakage Current
 Soft, Fast Switching Capability
 +150°C Operating Junction Temperature
 Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified
facilities), please contact us or your local Diodes
representative.




Similar Part No. - B340AX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B340AXF DIODES-B340AXF Datasheet
608Kb / 5P
3A TRENCH SCHOTTKY BARRIER RECTIFIER SMAF
July 2021 Rev. 2 - 2
B340AXF-13 DIODES-B340AXF-13 Datasheet
608Kb / 5P
3A TRENCH SCHOTTKY BARRIER RECTIFIER SMAF
July 2021 Rev. 2 - 2
B340AXS DIODES-B340AXS Datasheet
452Kb / 5P
3A TRENCH SCHOTTKY BARRIER RECTIFIER SMA-FS
March 2021 Rev. 2 - 2
B340AXS-13 DIODES-B340AXS-13 Datasheet
452Kb / 5P
3A TRENCH SCHOTTKY BARRIER RECTIFIER SMA-FS
March 2021 Rev. 2 - 2
More results


Similar Description - B340AX

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
C34AG CITC-C34AG Datasheet
504Kb / 4P
3A Trench Schottky Rectifier
logo
Diodes Incorporated
B360AX DIODES-B360AX Datasheet
599Kb / 5P
3A TRENCH SCHOTTKY BARRIER RECTIFIER SMA
Rev. 2 - 2 September 2022
B240AX DIODES-B240AX Datasheet
637Kb / 5P
2A TRENCH SCHOTTKY BARRIER RECTIFIER SMA
March 2022 Rev. 2 - 2
B340AXF DIODES-B340AXF Datasheet
608Kb / 5P
3A TRENCH SCHOTTKY BARRIER RECTIFIER SMAF
July 2021 Rev. 2 - 2
B340AXS DIODES-B340AXS Datasheet
452Kb / 5P
3A TRENCH SCHOTTKY BARRIER RECTIFIER SMA-FS
March 2021 Rev. 2 - 2
SDT3A40SAFS DIODES-SDT3A40SAFS Datasheet
436Kb / 5P
3A TRENCH SCHOTTKY BARRIER RECTIFIER SMA-FS
March 2021 Rev. 3 - 2
SDT3A45SA DIODES-SDT3A45SA Datasheet
498Kb / 5P
3A TRENCH SCHOTTKY BARRIER RECTIFIER SMA
May 2017 Rev. 2 - 2
SDT3A45SAF DIODES-SDT3A45SAF Datasheet
445Kb / 5P
3A TRENCH SCHOTTKY BARRIER RECTIFIER SMAF
December 2019 Rev. 3 - 2
SDT5A50SA DIODES-SDT5A50SA Datasheet
380Kb / 5P
5A TRENCH SCHOTTKY BARRIER RECTIFIER SMA
September 2018
SDT5A60SA DIODES-SDT5A60SA Datasheet
421Kb / 5P
5.0A TRENCH SCHOTTKY BARRIER RECTIFIER SMA
July 2020 Rev. 4 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com