Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDT5A50SA Datasheet (PDF) - Diodes Incorporated

SDT5A50SA Datasheet PDF - Diodes Incorporated
Part # SDT5A50SA
Download  SDT5A50SA Download
File Size   380.72 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 5A TRENCH SCHOTTKY BARRIER RECTIFIER SMA

SDT5A50SA Datasheet (PDF)

Go To PDF Page Download Datasheet
SDT5A50SA Datasheet PDF - Diodes Incorporated

Part # SDT5A50SA
Download  SDT5A50SA Click to download

File Size   380.72 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 5A TRENCH SCHOTTKY BARRIER RECTIFIER SMA

SDT5A50SA Datasheet (HTML) - Diodes Incorporated


SDT5A50SA Product details

Applications
 SMPS
 AC-DC
 DC-DC Converter
 Freewheeling Diodes

Features and Benefits
 Low Leakage Current
 Soft, Fast Switching Capability
 +150°C Operating Junction Temperature
 Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)




Similar Part No. - SDT5A50SA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDT5A50SAF DIODES-SDT5A50SAF Datasheet
415Kb / 5P
TRENCH SCHOTTKY BARRIER RECTIFIER SMAF
Rev erse
SDT5A50SAF-13 DIODES-SDT5A50SAF-13 Datasheet
415Kb / 5P
TRENCH SCHOTTKY BARRIER RECTIFIER SMAF
Rev erse
More results


Similar Description - SDT5A50SA

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CTP5L45SG CITC-CTP5L45SG Datasheet
522Kb / 4P
5A Trench Schottky Rectifier
CTP5L60SG CITC-CTP5L60SG Datasheet
500Kb / 4P
5A Trench Schottky Rectifier
logo
Diodes Incorporated
SDT5100D1 DIODES-SDT5100D1 Datasheet
420Kb / 5P
5A TRENCH SCHOTTKY RECTIFIER
Rev erse
B360AX DIODES-B360AX Datasheet
599Kb / 5P
3A TRENCH SCHOTTKY BARRIER RECTIFIER SMA
Rev. 2 - 2 September 2022
B240AX DIODES-B240AX Datasheet
637Kb / 5P
2A TRENCH SCHOTTKY BARRIER RECTIFIER SMA
March 2022 Rev. 2 - 2
B340AX DIODES-B340AX Datasheet
587Kb / 5P
3A TRENCH SCHOTTKY BARRIER RECTIFIER SMA
April 2021 Rev. 2 - 2
B540CX DIODES-B540CX Datasheet
637Kb / 5P
5A TRENCH SCHOTTKY BARRIER RECTIFIER SMC
December 2022 Rev. 2 - 2
B560CX DIODES-B560CX Datasheet
615Kb / 5P
5A TRENCH SCHOTTKY BARRIER RECTIFIER SMC
December 2022 Rev. 2 - 2
SDT3A45SA DIODES-SDT3A45SA Datasheet
498Kb / 5P
3A TRENCH SCHOTTKY BARRIER RECTIFIER SMA
May 2017 Rev. 2 - 2
SDT5A60SA DIODES-SDT5A60SA Datasheet
421Kb / 5P
5.0A TRENCH SCHOTTKY BARRIER RECTIFIER SMA
July 2020 Rev. 4 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com