Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B560CX Datasheet (PDF) - Diodes Incorporated

B560CX Datasheet PDF - Diodes Incorporated
Part # B560CX
Download  B560CX Download
File Size   615.53 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 5A TRENCH SCHOTTKY BARRIER RECTIFIER SMC

B560CX Datasheet (PDF)

Go To PDF Page Download Datasheet
B560CX Datasheet PDF - Diodes Incorporated

Part # B560CX
Download  B560CX Click to download

File Size   615.53 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 5A TRENCH SCHOTTKY BARRIER RECTIFIER SMC

B560CX Datasheet (HTML) - Diodes Incorporated


B560CX Product details

Features
 Low Leakage Current
 Soft, Fast Switching Capability
 +150°C Operating Junction Temperature
 Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.




Similar Part No. - B560CX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B560C DIODES-B560C Datasheet
48Kb / 2P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13012 Rev. C-2
B560C DIODES-B560C Datasheet
426Kb / 3P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13012 Rev. 8 - 2
logo
Galaxy Semi-Conductor H...
B560C BILIN-B560C Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
B560C DIODES-B560C Datasheet
97Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13012 Rev. 14 - 2
logo
Shenzhen Luguang Electr...
B560C LUGUANG-B560C Datasheet
187Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Similar Description - B560CX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS560 DIODES-PDS560_10 Datasheet
99Kb / 5P
5A SCHOTTKY BARRIER RECTIFIER
DS30480 Rev. 13 - 2
PDS560 DIODES-PDS560_15 Datasheet
502Kb / 5P
5A SCHOTTKY BARRIER RECTIFIER
Rev 16
logo
Chip Integration Techno...
CTL5100MASG CITC-CTL5100MASG Datasheet
508Kb / 4P
5A Trench Schottky Rectifier
CTP5L45SG CITC-CTP5L45SG Datasheet
522Kb / 4P
5A Trench Schottky Rectifier
CTP5L60SG CITC-CTP5L60SG Datasheet
500Kb / 4P
5A Trench Schottky Rectifier
logo
Diodes Incorporated
SDT5100D1 DIODES-SDT5100D1 Datasheet
420Kb / 5P
5A TRENCH SCHOTTKY RECTIFIER
Rev erse
logo
First Silicon Co., Ltd
SS52A FS-SS52A Datasheet
417Kb / 2P
5A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
PDS540Q DIODES-PDS540Q Datasheet
412Kb / 6P
5A SCHOTTKY BARRIER RECTIFIER
Rev. 2 - 2 December 2017
B540CX DIODES-B540CX Datasheet
637Kb / 5P
5A TRENCH SCHOTTKY BARRIER RECTIFIER SMC
December 2022 Rev. 2 - 2
SDT5A50SA DIODES-SDT5A50SA Datasheet
380Kb / 5P
5A TRENCH SCHOTTKY BARRIER RECTIFIER SMA
September 2018
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com