Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJU1CF04DWA Datasheet (PDF) - Renesas Technology Corp

RJU1CF04DWA Datasheet PDF - Renesas Technology Corp
Part # RJU1CF04DWA
Download  RJU1CF04DWA Download
File Size   134.16 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1250V - 50A - Fast Recovery Diode Application: Inverter

RJU1CF04DWA Datasheet (PDF)

Go To PDF Page Download Datasheet
RJU1CF04DWA Datasheet PDF - Renesas Technology Corp

Part # RJU1CF04DWA
Download  RJU1CF04DWA Click to download

File Size   134.16 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1250V - 50A - Fast Recovery Diode Application: Inverter

RJU1CF04DWA Datasheet (HTML) - Renesas Technology Corp


RJU1CF04DWA Product details

Features
 Low forward voltage
VF = 2.0 V typ. (at IF = 50 A, Tc = 25C)
 Fast Recovery (soft recovery)
trr = 90 ns typ. (at IF = 50 A, di/dt = 1500 A/s, Tc = 25C)




Similar Part No. - RJU1CF04DWA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJU1CF00DWA RENESAS-RJU1CF00DWA Datasheet
250Kb / 5P
1250V - 10A - Fast Recovery Diode Application: Inverter
Apr.10.2020
RJU1CF00DWS RENESAS-RJU1CF00DWS Datasheet
250Kb / 5P
1250V - 10A - Fast Recovery Diode Application: Inverter
Apr.10.2020
RJU1CF01DWA RENESAS-RJU1CF01DWA Datasheet
220Kb / 5P
1250V - 15A - Fast Recovery Diode Application: Inverter
Apr.10.2020
RJU1CF01DWS RENESAS-RJU1CF01DWS Datasheet
220Kb / 5P
1250V - 15A - Fast Recovery Diode Application: Inverter
Apr.10.2020
RJU1CF03DWA RENESAS-RJU1CF03DWA Datasheet
122Kb / 5P
1250V - 30A - Fast Recovery Diode Application: Inverter
Apr.10.2020
More results


Similar Description - RJU1CF04DWA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP1CS04DWT RENESAS-RJP1CS04DWT Datasheet
76Kb / 4P
1250V - 50A - IGBT Application: Inverter
RJP1CS04DWTRJP1CS04DWT RENESAS-RJP1CS04DWTRJP1CS04DWT_15 Datasheet
75Kb / 4P
1250V - 50A - IGBT Application: Inverter
RJU1CF00DWA RENESAS-RJU1CF00DWA Datasheet
250Kb / 5P
1250V - 10A - Fast Recovery Diode Application: Inverter
Apr.10.2020
RJU1CF01DWA RENESAS-RJU1CF01DWA Datasheet
220Kb / 5P
1250V - 15A - Fast Recovery Diode Application: Inverter
Apr.10.2020
RJU1CF03DWA RENESAS-RJU1CF03DWA Datasheet
122Kb / 5P
1250V - 30A - Fast Recovery Diode Application: Inverter
Apr.10.2020
RJU1CF05DWA RENESAS-RJU1CF05DWA Datasheet
135Kb / 5P
1250V - 75A - Fast Recovery Diode Application: Inverter
Apr.10.2020
RJU1CF06DWA RENESAS-RJU1CF06DWA Datasheet
134Kb / 5P
1250V - 100A - Fast Recovery Diode Application: Inverter
Apr.10.2020
RJU1CF07DWA RENESAS-RJU1CF07DWA Datasheet
134Kb / 5P
1250V - 150A - Fast Recovery Diode
Apr.10.2020
RJU1CF08DWA RENESAS-RJU1CF08DWA Datasheet
134Kb / 5P
1250V - 200A - Fast Recovery Diode Application: Inverter
Apr.10.2020
RJU65F24DWA RENESAS-RJU65F24DWA Datasheet
136Kb / 5P
650V - 50A - Fast Recovery Diode Application: Inverter
Apr.10.2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com