Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJU36B1WDPF Datasheet (PDF) - Renesas Technology Corp

RJU36B1WDPF Datasheet PDF - Renesas Technology Corp
Part # RJU36B1WDPF
Download  RJU36B1WDPF Download
File Size   131.75 Kbytes
Page   4 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 360V - 20A - Dual Diode Ultra Fast Recovery Diode

RJU36B1WDPF Datasheet (PDF)

Go To PDF Page Download Datasheet
RJU36B1WDPF Datasheet PDF - Renesas Technology Corp

Part # RJU36B1WDPF
Download  RJU36B1WDPF Click to download

File Size   131.75 Kbytes
Page   4 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 360V - 20A - Dual Diode Ultra Fast Recovery Diode

RJU36B1WDPF Datasheet (HTML) - Renesas Technology Corp


RJU36B1WDPF Product details

Features
• Ultra fast reverse recovery time: trr = 40 ns typ. (at IF = 10 A, di/dt = 100 A/μs)
• Low forward voltage: VF = 1.1 V typ. (at IF = 10 A)
• Low reverse current: IR = 1 μA max. (at VR = 360 V)




Similar Part No. - RJU36B1WDPF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJU36B1WDPF RENESAS-RJU36B1WDPF_15 Datasheet
63Kb / 4P
360V - 20A - Dual Diode Ultra Fast Recovery Diode
More results


Similar Description - RJU36B1WDPF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJU36B1WDPK-M0 RENESAS-RJU36B1WDPK-M0 Datasheet
62Kb / 4P
Dual Diode Ultra Fast Recovery Diode
RJU36B2WDPK-M0 RENESAS-RJU36B2WDPK-M0 Datasheet
61Kb / 4P
Dual Diode Ultra Fast Recovery Diode
RJU3051SDPE RENESAS-RJU3051SDPE Datasheet
101Kb / 4P
360V - 10A - Single Diode Ultra Fast Recovery Diode
RJU3052SDPD-E0 RENESAS-RJU3052SDPD-E0 Datasheet
61Kb / 4P
360V - 20A - Single Diode Ultra Fast Recovery Diode
RJU36B1WDPF RENESAS-RJU36B1WDPF_15 Datasheet
63Kb / 4P
360V - 20A - Dual Diode Ultra Fast Recovery Diode
RJU36B2WDPF RENESAS-RJU36B2WDPF_15 Datasheet
64Kb / 4P
360V - 40A - Dual Diode Ultra Fast Recovery Diode
RJU3051SDPE RENESAS-RJU3051SDPE_15 Datasheet
101Kb / 4P
360V - 10A - Single Diode Ultra Fast Recovery Diode
RJU3052SDPD-E0 RENESAS-RJU3052SDPD-E0_15 Datasheet
61Kb / 4P
360V - 20A - Single Diode Ultra Fast Recovery Diode
logo
Rohm
SH2104WN ROHM-SH2104WN Datasheet
1Mb / 4P
650V 20A Fast Recovery Diode
2022.10 - Rev.A
logo
Renesas Technology Corp
RJU36B2WDPF RENESAS-RJU36B2WDPF Datasheet
130Kb / 4P
360V - 40A - Dual Diode Ultra Fast Recovery Diode
Dec 06, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com