Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJU36B2WDPK-M0 Datasheet (PDF) - Renesas Technology Corp

RJU36B2WDPK-M0 Datasheet PDF - Renesas Technology Corp
Part # RJU36B2WDPK-M0
Download  RJU36B2WDPK-M0 Download
File Size   61.89 Kbytes
Page   4 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Diode Ultra Fast Recovery Diode

RJU36B2WDPK-M0 Datasheet (PDF)

Go To PDF Page Download Datasheet
RJU36B2WDPK-M0 Datasheet PDF - Renesas Technology Corp

Part # RJU36B2WDPK-M0
Download  RJU36B2WDPK-M0 Click to download

File Size   61.89 Kbytes
Page   4 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Diode Ultra Fast Recovery Diode

RJU36B2WDPK-M0 Datasheet (HTML) - Renesas Technology Corp


RJU36B2WDPK-M0 Product details

Features
• Ultra fast reverse recovery time: trr = 40 ns typ. (at IF = 20 A, di/dt = 100 A/μs)
• Low forward voltage: VF = 1.1 V typ. (at IF = 20 A)
• Low reverse current: IR = 1 μA max. (at VR = 360 V)




Similar Part No. - RJU36B2WDPK-M0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJU36B2WDPF RENESAS-RJU36B2WDPF Datasheet
130Kb / 4P
360V - 40A - Dual Diode Ultra Fast Recovery Diode
Dec 06, 2013
RJU36B2WDPF RENESAS-RJU36B2WDPF_15 Datasheet
64Kb / 4P
360V - 40A - Dual Diode Ultra Fast Recovery Diode
More results


Similar Description - RJU36B2WDPK-M0

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
31DQ06 NIEC-31DQ06 Datasheet
24Kb / 2P
Ultra - Fast Recovery Diode
logo
Renesas Technology Corp
RJU36B1WDPK-M0 RENESAS-RJU36B1WDPK-M0 Datasheet
62Kb / 4P
Dual Diode Ultra Fast Recovery Diode
RJU6054WDPK-M0 RENESAS-RJU6054WDPK-M0 Datasheet
80Kb / 4P
600V - 30A - Dual Diode Ultra Fast Recovery Diode
RJU36B1WDPF RENESAS-RJU36B1WDPF_15 Datasheet
63Kb / 4P
360V - 20A - Dual Diode Ultra Fast Recovery Diode
RJU36B2WDPF RENESAS-RJU36B2WDPF_15 Datasheet
64Kb / 4P
360V - 40A - Dual Diode Ultra Fast Recovery Diode
logo
SemiHow Co.,Ltd.
HDA40U20GW SEMIHOW-HDA40U20GW Datasheet
365Kb / 3P
Ultra Fast Recovery Diode
logo
Renesas Technology Corp
RJU3052TDPP-EJ RENESAS-RJU3052TDPP-EJ Datasheet
103Kb / 4P
Ultra Fast Recovery Diode
RJU6053WDPP-M0 RENESAS-RJU6053WDPP-M0 Datasheet
104Kb / 4P
Ultra Fast Recovery Diode
RJU36B1WDPF RENESAS-RJU36B1WDPF Datasheet
131Kb / 4P
360V - 20A - Dual Diode Ultra Fast Recovery Diode
Dec 06, 2013
RJU36B2WDPF RENESAS-RJU36B2WDPF Datasheet
130Kb / 4P
360V - 40A - Dual Diode Ultra Fast Recovery Diode
Dec 06, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com