Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV70 Datasheet (PDF) - NXP Semiconductors

BAV70 Datasheet PDF - NXP Semiconductors
Part # BAV70
Download  BAV70 Download
File Size   56.5 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High-speed double diode

BAV70 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV70 Datasheet PDF - NXP Semiconductors

Part # BAV70
Download  BAV70 Click to download

File Size   56.5 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High-speed double diode

BAV70 Datasheet (HTML) - NXP Semiconductors


BAV70 Product details

DESCRIPTION
The BAV70 consists of two high-speed switching diodes with common cathodes, fabricated in planar technology, and encapsulated in the small SOT23 plastic SMD package.

FEATURES
• Small plastic SMD package
• High switching speed: max. 4 ns
• Continuous reverse voltage:
   max. 70 V
• Repetitive peak reverse voltage:
   max. 75 V
• Repetitive peak forward current:
   max. 450 mA.

APPLICATIONS
• High-speed switching in thick and
   thin-film circuits.




Similar Part No. - BAV70

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV70 PANJIT-BAV70 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Vishay Siliconix
BAV70 VISHAY-BAV70 Datasheet
54Kb / 4P
Dual Surface Mount Switching Diode
17-Mar-99
logo
Transys Electronics
BAV70 TRSYS-BAV70 Datasheet
146Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
BAV70 ZOWIE-BAV70 Datasheet
50Kb / 2P
MONOLITHIC DUAL SWITCHING DIODE COMMON CATHODE
More results


Similar Description - BAV70

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300 Datasheet
52Kb / 8P
High-speed double diode
1999 May 26
1PS301 PHILIPS-1PS301 Datasheet
52Kb / 8P
High-speed double diode
1999 May 06
BAV70W PHILIPS-BAV70W Datasheet
58Kb / 12P
High-speed double diode
1999 May 05
logo
Guangdong Kexin Industr...
BAS28 KEXIN-BAS28 Datasheet
40Kb / 2P
High-Speed Double Diode
KAV70 KEXIN-KAV70 Datasheet
74Kb / 3P
High-Speed Double Diode
logo
NXP Semiconductors
1PS300 NXP-1PS300 Datasheet
127Kb / 8P
High-speed double diode
1996 Oct 04
logo
Shenzhen Luguang Electr...
BAS56 LUGUANG-BAS56 Datasheet
281Kb / 4P
High-speed Double Diode
logo
NXP Semiconductors
BAV74 PHILIPS-BAV74_15 Datasheet
133Kb / 9P
High-speed double diode
2004 Jan 14
logo
Micro Commercial Compon...
BAS28 MCC-BAS28 Datasheet
376Kb / 3P
High-Speed Double Diode
logo
Nexperia B.V. All right...
PMBD7100 NEXPERIA-PMBD7100 Datasheet
320Kb / 11P
High-speed double diode
2003 Nov 07
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com