Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR6040 Datasheet (PDF) - Inchange Semiconductor Company Limited

MUR6040 Datasheet PDF - Inchange Semiconductor Company Limited
Part # MUR6040
Download  MUR6040 Download
File Size   293.21 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Ultrafast Rectifier

MUR6040 Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR6040 Datasheet PDF - Inchange Semiconductor Company Limited

Part # MUR6040
Download  MUR6040 Click to download

File Size   293.21 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Ultrafast Rectifier

MUR6040 Datasheet (HTML) - Inchange Semiconductor Company Limited


MUR6040 Product details

FEATURES
·Guarding for over voltage protection
·Dual rectifier construction,positive center tap
·Metal of silicon rectifier,majority carrier conduction
·Low forward voltage,high efficiency
·100% avalanche tested
·Minimum Lot-to-Lot variations for robust device
performance and reliable operation

APPLICATIONS
·Uninterruptible power supplies
·Rectifier in switch mode power supplies
·Ultrasonic cleaners and welders




Similar Part No. - MUR6040

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR6040 MOTOROLA-MUR6040 Datasheet
64Kb / 4P
ULTRAFAST RECTIFIERS 60 AMPERES 400 VOLTS
logo
Sirectifier Semiconduct...
MUR6040 SIRECTIFIER-MUR6040 Datasheet
126Kb / 3P
Ultra Fast Recovery Diodes
logo
ON Semiconductor
MUR6040 ONSEMI-MUR6040 Datasheet
51Kb / 4P
Power Rectifier
July, 2001 ??Rev. 5
logo
Sirectifier Semiconduct...
MUR6040 SIRECTIFIER-MUR6040 Datasheet
215Kb / 3P
Ultra Fast Recovery Diodes
logo
Shenzhen Luguang Electr...
MUR6040P LUGUANG-MUR6040P Datasheet
899Kb / 2P
Ultrafast Soft Recovery Diode, 400V, 60A
Revision:20240722-P1
More results


Similar Description - MUR6040

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
ULTRAFAST RECTIFIER
logo
Inchange Semiconductor ...
YG975C6R ISC-YG975C6R Datasheet
304Kb / 2P
Ultrafast Rectifier
YG985C4R ISC-YG985C4R Datasheet
304Kb / 2P
Ultrafast Rectifier
DPG60I300HA ISC-DPG60I300HA Datasheet
274Kb / 1P
Ultrafast Rectifier
BY239-800 ISC-BY239-800 Datasheet
305Kb / 2P
Ultrafast Rectifier
MUR3040FCT ISC-MUR3040FCT Datasheet
276Kb / 2P
Ultrafast Rectifier
FDRW35S60L ISC-FDRW35S60L Datasheet
216Kb / 1P
Ultrafast Rectifier
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com