Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR6040 Datasheet (PDF) - Motorola, Inc

MUR6040 Datasheet PDF - Motorola, Inc
Part # MUR6040
Download  MUR6040 Download
File Size   64.92 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description ULTRAFAST RECTIFIERS 60 AMPERES 400 VOLTS

MUR6040 Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR6040 Datasheet PDF - Motorola, Inc

Part # MUR6040
Download  MUR6040 Click to download

File Size   64.92 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description ULTRAFAST RECTIFIERS 60 AMPERES 400 VOLTS

MUR6040 Datasheet (HTML) - Motorola, Inc


MUR6040 Product details

SWITCHMODE™ Power Rectifier



. . . designed for use in switching power supplies, inverters and as free wheeling diodes, these state–of–the–art devices have the following features:



• Ultrafast 100 Nanosecond Recovery Time

• 175°C Operating Junction Temperature

• High Voltage Capability to 400 Volts

• Low Forward Voltage Drop

• High Temperature Glass Passivated Junction



Mechanical Characteristics:

• Case: Epoxy, Molded

• Weight: 4.3 grams (approximately)

• Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable

• Lead Temperature for Soldering Purposes: 260°C Max. for 10 Seconds

• Shipped 30 Units Per Plastic Tube

• Marking: U6040



 




Similar Part No. - MUR6040

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
MUR6040 SIRECTIFIER-MUR6040 Datasheet
126Kb / 3P
Ultra Fast Recovery Diodes
logo
ON Semiconductor
MUR6040 ONSEMI-MUR6040 Datasheet
51Kb / 4P
Power Rectifier
July, 2001 ??Rev. 5
logo
Sirectifier Semiconduct...
MUR6040 SIRECTIFIER-MUR6040 Datasheet
215Kb / 3P
Ultra Fast Recovery Diodes
logo
Inchange Semiconductor ...
MUR6040 ISC-MUR6040 Datasheet
293Kb / 2P
Ultrafast Rectifier
logo
Shenzhen Luguang Electr...
MUR6040P LUGUANG-MUR6040P Datasheet
899Kb / 2P
Ultrafast Soft Recovery Diode, 400V, 60A
Revision:20240722-P1
More results


Similar Description - MUR6040

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR1520 MOTOROLA-MUR1520 Datasheet
143Kb / 6P
ULTRAFAST RECTIFIERS 15 AMPERES 200-400-600 VOLTS
MUR1620CT MOTOROLA-MUR1620CT Datasheet
153Kb / 6P
ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
MUR3020PT MOTOROLA-MUR3020PT Datasheet
99Kb / 6P
ULTRAFAST RECTIFIERS 30 AMPERES 200-400-600 VOLTS
MUR3020WT MOTOROLA-MUR3020WT Datasheet
103Kb / 6P
ULTRAFAST RECTIFIERS 30 AMPERES 200-400-600 VOLTS
MUR3040 MOTOROLA-MUR3040 Datasheet
65Kb / 4P
ULTRAFAST RECTIFIERS 30 AMPERES 400 VOLTS
MUR820 MOTOROLA-MUR820 Datasheet
150Kb / 6P
ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
MURH840CT MOTOROLA-MURH840CT Datasheet
78Kb / 4P
ULTRAFAST RECTIFIER 8.0 AMPERES 400 VOLTS
MURHB840CT MOTOROLA-MURHB840CT Datasheet
107Kb / 6P
ULTRAFAST RECTIFIER 8.0 AMPERES 400 VOLTS
logo
ON Semiconductor
MURH840CT ONSEMI-MURH840CT Datasheet
51Kb / 4P
ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS
August, 2006 ??Rev. 4
MURHB840CT ONSEMI-MURHB840CT_06 Datasheet
56Kb / 5P
ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS
February, 2006 ??Rev. 4
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com