Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59M1446V Datasheet (PDF) - Renesas Technology Corp

SLG59M1446V Datasheet PDF - Renesas Technology Corp
Part # SLG59M1446V
Download  SLG59M1446V Download
File Size   607.71 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-small Dual 40 mΩ, 1.0 A Load Switch with Discharge

SLG59M1446V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M1446V Datasheet PDF - Renesas Technology Corp

Part # SLG59M1446V
Download  SLG59M1446V Click to download

File Size   607.71 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-small Dual 40 mΩ, 1.0 A Load Switch with Discharge

SLG59M1446V Datasheet (HTML) - Renesas Technology Corp


SLG59M1446V Product details

General Description
The SLG59M1446V is designed for load switching
applications. The part comes with two 40 mΩ 1.0 A rated
MOSFETs, each controlled by an ON control pin. Each
MOSFET’s ramp rate is adjustable depending on the input
current level of the ON pin. The product is packaged in an
ultra-small 1.6 x 1.0 mm package.
Features
• Two 40 mΩ 1.0 A MOSFETs
• Two integrated VGS Charge Pumps
• User selectable ramp rate with external resistor
• Protected by thermal shutdown
• Integrated Discharge Resistor
• Pb-Free / Halogen-Free / RoHS compliant
• STDFN 8L, 1.0 x 1.6 mm




Similar Part No. - SLG59M1446V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1446V DIALOG-SLG59M1446V Datasheet
164Kb / 9P
Ultra-small Dual 40 m廓 1.0 A Integrated Power Switch with Discharge
SLG59M1446VTR DIALOG-SLG59M1446VTR Datasheet
164Kb / 9P
Ultra-small Dual 40 m廓 1.0 A Integrated Power Switch with Discharge
More results


Similar Description - SLG59M1446V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG59M1440V RENESAS-SLG59M1440V Datasheet
629Kb / 15P
An Ultra-small 40 mΩ, 1 A, Load Switch with Discharge
3-Feb-2022
SLG59M1495V RENESAS-SLG59M1495V Datasheet
435Kb / 10P
Ultra-small 80 mW, 1.0 A Load Switch with Discharge
February 4, 2022
SLG59M1512V RENESAS-SLG59M1512V Datasheet
606Kb / 15P
Ultra-small Dual 80 mΩ, 1.0 A Load Switch with Discharge
2-Feb-2022
SLG59M1599V RENESAS-SLG59M1599V Datasheet
377Kb / 10P
Ultra-small 40 mW / 1.0 A Dual Load Switch
February 4, 2022
SLG5NT1462V RENESAS-SLG5NT1462V Datasheet
379Kb / 10P
Ultra-small Dual 40 mW 1.0 A Load Switch with Discharge
February 10, 2022
SLG5NT1464V RENESAS-SLG5NT1464V Datasheet
380Kb / 10P
Ultra-small 40 mW 1.0 A GreenFET Load Switch with Discharge
February 8, 2022
SLG5NT1546V RENESAS-SLG5NT1546V Datasheet
384Kb / 10P
Ultra-small Dual 80 mW 1.0 A Load Switch with Discharge
February 7, 2022
SLG5NT1547V RENESAS-SLG5NT1547V Datasheet
380Kb / 10P
Ultra-small 80 mW, 1.0 A Load Switch with Discharge
February 8, 2022
SLG5NT1593V RENESAS-SLG5NT1593V Datasheet
287Kb / 10P
Ultra-small 28.5 mW, 1.0 A Load Switch with Discharge
February 14, 2022
SLG5NT1734V RENESAS-SLG5NT1734V Datasheet
814Kb / 18P
Ultra-small 28.5 mΩ, 1.0 A Load Switch with Discharge
February 7, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com