Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS4480X Datasheet (PDF) - Nexperia B.V. All rights reserved

PBSS4480X Datasheet PDF - Nexperia B.V. All rights reserved
Part # PBSS4480X
Download  PBSS4480X Download
File Size   449.46 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 80 V, 4 A NPN low VCEsat (BISS) transistor

PBSS4480X Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS4480X Datasheet PDF - Nexperia B.V. All rights reserved

Part # PBSS4480X
Download  PBSS4480X Click to download

File Size   449.46 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 80 V, 4 A NPN low VCEsat (BISS) transistor

PBSS4480X Datasheet (HTML) - Nexperia B.V. All rights reserved


PBSS4480X Product details

FEATURES
•High hFE and low VCEsat at high current operation
•High collector current capability: IC maximum 4 A
•High efficiency leading to less heat generation.

APPLICATIONS
•Medium power peripheral drivers; e.g. fan, motor
•Strobe flash units for DSC and mobile phones
•Inverter applications; e.g. TFT displays
•Power switch for LAN and ADSL systems
•Medium power DC-to-DC conversion
•Battery chargers.

DESCRIPTION
NPN low VCEsat transistor in a SOT89 (SC-62) plastic package.
PNP complement: PBSS5480X.




Similar Part No. - PBSS4480X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4480X PHILIPS-PBSS4480X Datasheet
115Kb / 13P
80 V, 4 A NPN low VCEsat (BISS) transistor
2004 Oct 25
PBSS4480X PHILIPS-PBSS4480X Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PBSS4480X PHILIPS-PBSS4480X_15 Datasheet
207Kb / 13P
NPN low VCEsat (BISS) transistor 80 V, 4 A
2004 Oct 25
More results


Similar Description - PBSS4480X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4480X PHILIPS-PBSS4480X Datasheet
115Kb / 13P
80 V, 4 A NPN low VCEsat (BISS) transistor
2004 Oct 25
PBSS305NX NXP-PBSS305NX Datasheet
219Kb / 15P
80 V, 4.6 A NPN low VCEsat (BISS) transistor
Rev. 02-8 December 2009
PBSS305NZ NXP-PBSS305NZ Datasheet
194Kb / 14P
80 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 02-8 December 2009
PBSS4580PA PHILIPS-PBSS4580PA Datasheet
177Kb / 15P
80 V, 5.6 A NPN low VCEsat (BISS) transistor
Rev. 01-15 April 2010
PBSS4480X PHILIPS-PBSS4480X_15 Datasheet
207Kb / 13P
NPN low VCEsat (BISS) transistor 80 V, 4 A
2004 Oct 25
PBSS4580PA PHILIPS-PBSS4580PA_15 Datasheet
177Kb / 15P
80 V, 5.6 A NPN low VCEsat (BISS) transistor
Rev. 01-15 April 2010
logo
Nexperia B.V. All right...
PBSS304ND NEXPERIA-PBSS304ND Datasheet
280Kb / 17P
80 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02 - 17 December 2007
PBSS305NX NEXPERIA-PBSS305NX Datasheet
332Kb / 16P
80 V, 4.6 A NPN low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009
PBSS305NZ NEXPERIA-PBSS305NZ Datasheet
308Kb / 15P
80 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009
PBSS4580PA NEXPERIA-PBSS4580PA Datasheet
290Kb / 16P
80 V, 5.6 A NPN low VCEsat (BISS) transistor
Rev. 01 - 15 April 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com