Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS4580PA Datasheet (PDF) - NXP Semiconductors

PBSS4580PA Datasheet PDF - NXP Semiconductors
Part # PBSS4580PA_15
Download  PBSS4580PA Download
File Size   177.03 Kbytes
Page   15 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80 V, 5.6 A NPN low VCEsat (BISS) transistor

PBSS4580PA Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS4580PA Datasheet PDF - NXP Semiconductors

Part # PBSS4580PA_15
Download  PBSS4580PA Click to download

File Size   177.03 Kbytes
Page   15 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80 V, 5.6 A NPN low VCEsat (BISS) transistor

PBSS4580PA Datasheet (HTML) - NXP Semiconductors




Similar Part No. - PBSS4580PA_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4580PA PHILIPS-PBSS4580PA Datasheet
177Kb / 15P
80 V, 5.6 A NPN low VCEsat (BISS) transistor
Rev. 01-15 April 2010
logo
Nexperia B.V. All right...
PBSS4580PA NEXPERIA-PBSS4580PA Datasheet
290Kb / 16P
80 V, 5.6 A NPN low VCEsat (BISS) transistor
Rev. 01 - 15 April 2010
More results


Similar Description - PBSS4580PA_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4480X PHILIPS-PBSS4480X Datasheet
115Kb / 13P
80 V, 4 A NPN low VCEsat (BISS) transistor
2004 Oct 25
PBSS305NX NXP-PBSS305NX Datasheet
219Kb / 15P
80 V, 4.6 A NPN low VCEsat (BISS) transistor
Rev. 02-8 December 2009
PBSS305NZ NXP-PBSS305NZ Datasheet
194Kb / 14P
80 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 02-8 December 2009
PBSS4580PA PHILIPS-PBSS4580PA Datasheet
177Kb / 15P
80 V, 5.6 A NPN low VCEsat (BISS) transistor
Rev. 01-15 April 2010
PBSS4480X PHILIPS-PBSS4480X_15 Datasheet
207Kb / 13P
NPN low VCEsat (BISS) transistor 80 V, 4 A
2004 Oct 25
logo
Nexperia B.V. All right...
PBSS304ND NEXPERIA-PBSS304ND Datasheet
280Kb / 17P
80 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02 - 17 December 2007
PBSS305NX NEXPERIA-PBSS305NX Datasheet
332Kb / 16P
80 V, 4.6 A NPN low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009
PBSS305NZ NEXPERIA-PBSS305NZ Datasheet
308Kb / 15P
80 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009
PBSS4480X NEXPERIA-PBSS4480X Datasheet
449Kb / 14P
80 V, 4 A NPN low VCEsat (BISS) transistor
2004 Oct 25
PBSS4580PA NEXPERIA-PBSS4580PA Datasheet
290Kb / 16P
80 V, 5.6 A NPN low VCEsat (BISS) transistor
Rev. 01 - 15 April 2010
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com