Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW56S Datasheet (PDF) - NXP Semiconductors

BAW56S Datasheet PDF - NXP Semiconductors
Part # BAW56S
Download  BAW56S Download
File Size   74.54 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High-speed double diode array

BAW56S Datasheet (PDF)

Go To PDF Page Download Datasheet
BAW56S Datasheet PDF - NXP Semiconductors

Part # BAW56S
Download  BAW56S Click to download

File Size   74.54 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High-speed double diode array

BAW56S Datasheet (HTML) - NXP Semiconductors


BAW56S Product details

DESCRIPTION
The BAW56S consists of two dual high-speed switching diodes with common anodes, fabricated in planar technology, and encapsulated in the small SMD SOT363 plastic package.

FEATURES
• Small plastic SMD package
• High switching speed: max. 4 ns
• Continuous reverse voltage: max. 75 V
• Repetitive peak reverse voltage: max. 85 V
• Repetitive peak forward current: max. 450 mA.

APPLICATIONS
• General purpose switching in e.g. surface mounted circuits.




Similar Part No. - BAW56S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAW56S SIEMENS-BAW56S Datasheet
43Kb / 4P
Silicon Switching Diode Array (For high-speed switching applications Common anode)
logo
Infineon Technologies A...
BAW56S INFINEON-BAW56S Datasheet
128Kb / 8P
Silicon Switching Diode
Jun-03-2003
logo
Guangdong Kexin Industr...
BAW56S KEXIN-BAW56S Datasheet
41Kb / 2P
High-Speed Double Diode Array
logo
NXP Semiconductors
BAW56S NXP-BAW56S Datasheet
115Kb / 15P
High-speed switching diodes
Rev. 05-26 November 2007
logo
Infineon Technologies A...
BAW56S INFINEON-BAW56S Datasheet
153Kb / 12P
Silicon Switching Diode
2007-09-19
More results


Similar Description - BAW56S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300 Datasheet
52Kb / 8P
High-speed double diode
1999 May 26
1PS301 PHILIPS-1PS301 Datasheet
52Kb / 8P
High-speed double diode
1999 May 06
BAV70S PHILIPS-BAV70S Datasheet
74Kb / 12P
High-speed double diode array
1997 Oct 21
BAV70W PHILIPS-BAV70W Datasheet
58Kb / 12P
High-speed double diode
1999 May 05
logo
Guangdong Kexin Industr...
BAV70S KEXIN-BAV70S Datasheet
41Kb / 2P
High-Speed Double Diode Array
BAS28 KEXIN-BAS28 Datasheet
40Kb / 2P
High-Speed Double Diode
BAW56S KEXIN-BAW56S Datasheet
41Kb / 2P
High-Speed Double Diode Array
KAV70 KEXIN-KAV70 Datasheet
74Kb / 3P
High-Speed Double Diode
logo
NXP Semiconductors
1PS300 NXP-1PS300 Datasheet
127Kb / 8P
High-speed double diode
1996 Oct 04
BAV74 PHILIPS-BAV74_15 Datasheet
133Kb / 9P
High-speed double diode
2004 Jan 14
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com