Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAX14 Datasheet (PDF) - NXP Semiconductors

BAX14 Datasheet PDF - NXP Semiconductors
Part # BAX14
Download  BAX14 Download
File Size   37.98 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description General purpose diode

BAX14 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAX14 Datasheet PDF - NXP Semiconductors

Part # BAX14
Download  BAX14 Click to download

File Size   37.98 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description General purpose diode

BAX14 Datasheet (HTML) - NXP Semiconductors


BAX14 Product details

DESCRIPTION
The BAX14 is a general purpose switching diode fabricated in planar technology, and encapsulated in the hermetically sealed leaded glass SOD27 (DO-35) package.

FEATURES
• Hermetically sealed leaded glass SOD27 (DO-35) package
• Switching speed: max. 50 ns
• General application
• Continuous reverse voltage: max. 20 V
• Repetitive peak reverse voltage: max. 40 V
• Repetitive peak forward current: max. 2 A.

APPLICATIONS
• Low-voltage switching
• Rectifier applications
• Low-voltage stabilizing.




Similar Part No. - BAX14

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
BAX14 SYNSEMI-BAX14 Datasheet
30Kb / 2P
SWITCHING DIODE
logo
EIC discrete Semiconduc...
BAX14 EIC-BAX14 Datasheet
35Kb / 2P
SWITCHING DIODE
More results


Similar Description - BAX14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS221 PHILIPS-BAS221 Datasheet
53Kb / 8P
General purpose diode
1999 May 07
BAS321 PHILIPS-BAS321 Datasheet
82Kb / 12P
General purpose diode
1999 Feb 09
BAX18 PHILIPS-BAX18 Datasheet
32Kb / 7P
General purpose diode
1996 Sep 18
BAY80 PHILIPS-BAY80 Datasheet
37Kb / 6P
General purpose diode
1996 Sep 18
BAP51-04W PHILIPS-BAP51-04W Datasheet
84Kb / 7P
GENERAL PURPOSE PIN DIODE
2002 Feb 19
BAS321 PHILIPS-BAS321_04 Datasheet
65Kb / 9P
General purpose diode
2004 Jan 26
BAS321 NXP-BAS321 Datasheet
125Kb / 9P
General purpose diode
2004 Jan 26
logo
Bruckewell Technology L...
BAS321 BWTECH-BAS321 Datasheet
414Kb / 3P
General Purpose Diode
logo
Nexperia B.V. All right...
BAS321-Q NEXPERIA-BAS321-Q Datasheet
202Kb / 10P
General purpose diode
2 June 2021
BAS321 NEXPERIA-BAS321 Datasheet
200Kb / 10P
General purpose diode
1 July 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com