Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAY80 Datasheet (PDF) - NXP Semiconductors

BAY80 Datasheet PDF - NXP Semiconductors
Part # BAY80
Download  BAY80 Download
File Size   37.26 Kbytes
Page   6 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description General purpose diode

BAY80 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAY80 Datasheet PDF - NXP Semiconductors

Part # BAY80
Download  BAY80 Click to download

File Size   37.26 Kbytes
Page   6 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description General purpose diode

BAY80 Datasheet (HTML) - NXP Semiconductors


BAY80 Product details

DESCRIPTION
The BAY80 is a switching diode fabricated in planar technology, and encapsulated in the hermetically sealed leaded glass SOD27 (DO-35) package.

FEATURES
• Hermetically sealed leaded glass SOD27 (DO-35) package
• High switching speed: max. 50 ns
• General application
• Continuous reverse voltage: max. 120 V
• Repetitive peak reverse voltage: max. 150 V
• Repetitive peak forward current: max. 625 mA.

APPLICATIONS
• Switching and general purposes in industrial equipment e.g. oscilloscopes, digital voltmeters and video output stages in colour television.




Similar Part No. - BAY80

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAY80 VISHAY-BAY80 Datasheet
40Kb / 4P
Silicon Epitaxial Planar Diode
01-Apr-99
logo
Fairchild Semiconductor
BAY80 FAIRCHILD-BAY80 Datasheet
47Kb / 1P
General Purpose High Conductance Diodes
logo
Vishay Siliconix
BAY80 VISHAY-BAY80 Datasheet
121Kb / 5P
Small Signal Switching Diode, High Voltage
19-Feb-07
logo
SynSemi, Inc.
BAY80 SYNSEMI-BAY80 Datasheet
38Kb / 2P
SWITCHING DIODE
logo
New Jersey Semi-Conduct...
BAY80 NJSEMI-BAY80 Datasheet
133Kb / 1P
D0-35
More results


Similar Description - BAY80

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS221 PHILIPS-BAS221 Datasheet
53Kb / 8P
General purpose diode
1999 May 07
BAS321 PHILIPS-BAS321 Datasheet
82Kb / 12P
General purpose diode
1999 Feb 09
BAX14 PHILIPS-BAX14 Datasheet
37Kb / 7P
General purpose diode
1996 Sep 17
BAX18 PHILIPS-BAX18 Datasheet
32Kb / 7P
General purpose diode
1996 Sep 18
BAP51-04W PHILIPS-BAP51-04W Datasheet
84Kb / 7P
GENERAL PURPOSE PIN DIODE
2002 Feb 19
BAS321 PHILIPS-BAS321_04 Datasheet
65Kb / 9P
General purpose diode
2004 Jan 26
BAS321 NXP-BAS321 Datasheet
125Kb / 9P
General purpose diode
2004 Jan 26
logo
Bruckewell Technology L...
BAS321 BWTECH-BAS321 Datasheet
414Kb / 3P
General Purpose Diode
logo
Nexperia B.V. All right...
BAS321-Q NEXPERIA-BAS321-Q Datasheet
202Kb / 10P
General purpose diode
2 June 2021
BAS321 NEXPERIA-BAS321 Datasheet
200Kb / 10P
General purpose diode
1 July 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com