Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAY80 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAY80
Description  General purpose diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAY80 Datasheet(HTML) 3 Page - NXP Semiconductors

  BAY80 Datasheet HTML 1Page - NXP Semiconductors BAY80 Datasheet HTML 2Page - NXP Semiconductors BAY80 Datasheet HTML 3Page - NXP Semiconductors BAY80 Datasheet HTML 4Page - NXP Semiconductors BAY80 Datasheet HTML 5Page - NXP Semiconductors BAY80 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1996 Sep 18
3
Philips Semiconductors
Product specification
General purpose diode
BAY80
ELECTRICAL CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1. Device mounted on a printed circuit-board without metallization pad.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VF
forward voltage
see Fig.3
IF = 0.1 mA
450
550
mV
IF = 10 mA
650
800
mV
IF = 50 mA
730
920
mV
IF = 100 mA
780
1000
mV
IF = 150 mA
−
1.07
V
IR
reverse current
see Fig.5
VR = 120 V
−
100
nA
VR = 120 V; Tj = 150 °C
−
100
µA
Cd
diode capacitance
f = 1 MHz; VR = 0; see Fig.6
−
6pF
trr
reverse recovery time
when switched from IF = 30 mA to
IR = 30 mA; RL = 100 Ω;
measured at IR = 3 mA; see Fig.7
−
50
ns
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
lead length 10 mm
240
K/W
Rth j-a
thermal resistance from junction to ambient
lead length 10 mm; note 1
375
K/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com