Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JFE150DBVR Datasheet (PDF) - Texas Instruments

JFE150DBVR Datasheet PDF - Texas Instruments
Part # JFE150DBVR
Download  JFE150DBVR Download
File Size   1907.25 Kbytes
Page   29 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description JFE150 Ultra-Low-Noise, Low-Gate-Current, Audio, N-Channel JFET

JFE150DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
JFE150DBVR Datasheet PDF - Texas Instruments

Part # JFE150DBVR
Download  JFE150DBVR Click to download

File Size   1907.25 Kbytes
Page   29 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description JFE150 Ultra-Low-Noise, Low-Gate-Current, Audio, N-Channel JFET

JFE150DBVR Datasheet (HTML) - Texas Instruments


JFE150DBVR Product details

1 Features
• Ultra-low noise:
– Voltage noise:
• 0.8 nV/√Hz at 1 kHz, IDS = 5 mA
• 0.9 nV/√Hz at 1 kHz, IDS = 2 mA
– Current noise: 1.8 fA/√Hz at 1 kHz
• Low gate current: 10 pA (max)
• Low input capacitance: 24 pF at VDS = 5 V
• High gate-to-drain and gate-to-source breakdown
voltage: –40 V
• High transconductance: 68 mS
• Packages: Small SC70 and SOT-23

2 Applications
• Microphone inputs
• Hydrophones and marine equipment
• DJ controllers, mixers, and other DJ equipment
• Professional audio mixer or control surface
• Guitar amplifier and other music instrument
amplifier
• Condition monitoring sensor

3 Description
The JFE150 is a Burr-Brown™ discrete JFET built
using Texas Instruments' modern, high-performance,
analog bipolar process. The JFE150 features
performance not previously available in older discrete
JFET technologies. The JFE150 offers the maximum
possible noise-to-power efficiency and flexibility,
where the quiescent current can be set by the user
and yields excellent noise performance for currents
from 50 μA to 20 mA. When biased at 5 mA, the
device yields 0.8 nV/√Hz of input-referred noise,
giving ultra-low noise performance with extremely
high input impedance (> 1 TΩ). The JFE150 also
features integrated diodes connected to separate
clamp nodes to provide protection without the addition
of high-leakage, nonlinear, external diodes.
The JFE150 can withstand a high drain-to-source
voltage of 40 V, as well as gate-to-source and gateto-
drain voltages down to –40 V. The temperature
range is specified from –40°C to +125°C. The device
is offered in 5-pin SOT-23 and SC70 packages.




Similar Part No. - JFE150DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
JFE150DCKR TI-JFE150DCKR Datasheet
1Mb / 25P
JFE150 Ultra-Low Noise, Low Gate Current, Audio, N-Channel JFET
JFE150DCKT TI-JFE150DCKT Datasheet
1Mb / 25P
JFE150 Ultra-Low Noise, Low Gate Current, Audio, N-Channel JFET
More results


Similar Description - JFE150DBVR

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LSK170 LINEAR-LSK170 Datasheet
116Kb / 1P
ULTRA LOW NOISE SINGLE N-CHANNEL JFET
LSK389 LINEAR-LSK389 Datasheet
118Kb / 2P
ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET
logo
Micross Components
LSK170A_SOT-23 MICROSS-LSK170A_SOT-23 Datasheet
475Kb / 1P
Ultra Low Noise Single N-Channel JFET
LSK170B_SOT-23 MICROSS-LSK170B_SOT-23 Datasheet
475Kb / 1P
an Ultra Low Noise Single N-Channel JFET
LSK170C_SOT-23 MICROSS-LSK170C_SOT-23 Datasheet
475Kb / 1P
an Ultra Low Noise Single N-Channel JFET
LSK170C_TO-92 MICROSS-LSK170C_TO-92 Datasheet
475Kb / 1P
an Ultra Low Noise Single N-Channel JFET
logo
New Jersey Semi-Conduct...
LSK389 NJSEMI-LSK389 Datasheet
88Kb / 2P
ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET
logo
Linear Integrated Syste...
LSK170 LINEAR-LSK170_14 Datasheet
191Kb / 2P
ULTRA LOW NOISE SINGLE N-CHANNEL JFET AMPLIFIER
logo
Texas Instruments
JFE150 TI-JFE150 Datasheet
1Mb / 25P
JFE150 Ultra-Low Noise, Low Gate Current, Audio, N-Channel JFET
JFE2140 TI-JFE2140 Datasheet
1Mb / 28P
JFE2140 Ultra-Low Noise, Matched, Dual, Low-Gate Current, Discrete, Audio, N?멌hannel JFET
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com