Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JFE150DBVR Datasheet(PDF) 5 Page - Texas Instruments

Part # JFE150DBVR
Description  JFE150 Ultra-Low-Noise, Low-Gate-Current, Audio, N-Channel JFET
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

JFE150DBVR Datasheet(HTML) 5 Page - Texas Instruments

  JFE150DBVR Datasheet HTML 1Page - Texas Instruments JFE150DBVR Datasheet HTML 2Page - Texas Instruments JFE150DBVR Datasheet HTML 3Page - Texas Instruments JFE150DBVR Datasheet HTML 4Page - Texas Instruments JFE150DBVR Datasheet HTML 5Page - Texas Instruments JFE150DBVR Datasheet HTML 6Page - Texas Instruments JFE150DBVR Datasheet HTML 7Page - Texas Instruments JFE150DBVR Datasheet HTML 8Page - Texas Instruments JFE150DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
6.5 Electrical Characteristics
at TA = 25°C, IDS = 2 mA, and VDS = 10 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
NOISE
en
Input-referred voltage noise density
IDS = 100 µA , VDS = 5 V
f = 10 Hz
3
nV/√Hz
f = 1 kHz
2
IDS = 2 mA, VDS = 5 V
f = 10 Hz
1.6
f = 1 kHz
0.9
IDS = 5 mA, VDS = 5 V
f = 10 Hz
1.8
f = 1 kHz
0.8
Input-referred voltage noise
f = 0.1 Hz to 10 Hz,
VDS = 5 V
IDS = 100 µA
0.19
µVPP
IDS = 2 mA
0.09
IDS = 5 mA
0.13
ei
Input current noise
f = 1 kHz, VDS = 5 V
1.8
fA/√Hz
INPUT CURRENT
IG
Input gate current
VDS = 2 V, VGS = –0.7 V, VVCH = 5 V, VVCL = –5 V
0.2
±10
pA
VDS = 0 V, VGS = –30 V
0.2
TA = –40°C to +85°C
±2000
TA = –40°C to +125°C
±10000
INPUT VOLTAGE
VGSS
Gate-to-source breakdown voltage
VDS = 0 V, |IG| < 100 µA
−40
V
VGSC
Gate-to-source cutoff voltage
VDS = 10 V, IDS = 0.1 µA
−1.5
−1.2
−0.9
V
VGS
Gate-to-source voltage
IDS = 100 µA
–1.3
–0.7
V
IDS = 2 mA
–1.1
–0.5
INPUT IMPEDANCE
RIN
Gate input resistance
VGS = –5 V to 0 V, VDS = 0 V
1
TΩ
CISS
Input capacitance
VDS = 0 V
30
pF
VDS = 5 V
24
CRSS
Reverse transfer capacitance
VDS = 0 V
7
OUTPUT
IDSS
Drain-to-source saturation current
VDS = 10 V, VGS = 0 V
24
35
46
mA
TA = –40°C to +125°C
22
57
gm
Transconductance
IDS = 100 µA
3
mS
IDS = 2 mA
18
GFS
Full conduction transconductance
VDS = 10 V, VGS = 0 V
55
68
80
mS
VDSS
Drain-to-source breakdown voltage
|IDS| < 100 µA, VGS = –2 V
40
V
COSS
Output capacitance
VDS = 5 V
8
pF
www.ti.com
JFE150
SLPS732B – JUNE 2021 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: JFE150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com