Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JFE150DBVR Datasheet(PDF) 14 Page - Texas Instruments

Part # JFE150DBVR
Description  JFE150 Ultra-Low-Noise, Low-Gate-Current, Audio, N-Channel JFET
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

JFE150DBVR Datasheet(HTML) 14 Page - Texas Instruments

Back Button JFE150DBVR Datasheet HTML 10Page - Texas Instruments JFE150DBVR Datasheet HTML 11Page - Texas Instruments JFE150DBVR Datasheet HTML 12Page - Texas Instruments JFE150DBVR Datasheet HTML 13Page - Texas Instruments JFE150DBVR Datasheet HTML 14Page - Texas Instruments JFE150DBVR Datasheet HTML 15Page - Texas Instruments JFE150DBVR Datasheet HTML 16Page - Texas Instruments JFE150DBVR Datasheet HTML 17Page - Texas Instruments JFE150DBVR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Table 9-1. Composite Amplifier Component List and Function
COMPONENT
DESCRIPTION
RELATED EQUATION
CB
DC blocking capacitor for input source. Use a dc blocking capacitor
if the dc voltage of the input source is not the same as the gate bias
voltage.
 f–3dBDC=  1
2* π*RB1 RB2*CB1
(2)
RB
Bias resistor. Use biasing resistors to set the dc voltage at the
gate. High-value resistors can be used without an impact to noise
if the source impedance and bypass capacitor have sufficiently low
impedance.
See Equation 2
RG
Gate resistor. Can be used to help limit current flow into gate in
overvoltage cases.
RD
Drain resistor. Sets gain of JFET stage in common source biasing,
along with gm and RS.
RS
Source resistor. Used to set bias of JFET; see Figure 9-3. Resistor
thermal noise directly impacts noise performance.
CD
DC blocking capacitor. Blocks nominal drain voltage so the amplifier
operates at a midsupply bias point.
CF
Feedback capacitor. Along with RF, this capacitor sets the –3‑dB
high-pass cutoff frequency when the amplifier gain-bandwidth product
(GBW) is sufficiently high enough to support the –3
‑dB frequency.
If the GBW is not high enough, then the GBW sets the –3-dB
frequency.
 f–3dBHP=  12*π*RF*CF
(3)
RF
Feedback resistor. Along with CF, this resistor sets the –3‑dB high-
pass cutoff frequency when the amplifier gain-bandwidth product
(GBW) is sufficiently high enough to support the –3
‑dB frequency.
If the GBW is not high enough, then the GBW sets the –3-dB
frequency.
See Equation 3
RF2
Current feedback gain-setting resistor 1. Along with RS2, sets gain
closed-loop.
 VOUTVIN= RF2RS2
(4)
RS2
Current feedback gain-setting resistor 2. Along with RS2, sets
gain closed-loop. Resistor thermal noise directly impacts noise
performance.
See Equation 4
CS
Current feedback ac-coupling capacitor. This capacitor, along with R2,
sets the low-pass –3-dB frequency.
 f–3dBLP=  12*π*RS2*CS
(5)
9.2 Typical Application
The JFE150 can be configured to provide a low-noise, high-input-impedance front-end stage for a typical op
amp. Single-transistor gain stages shown previously suffer from wide gain variations dependent on the forward
transcondutance of the JFE150. When precision gain is required, the composite amplifier (JFET front-end +
operational amplifier) achieves excellent results.
12 V
JFE 150
VIN
RD
RS
+
±
+
±
+
±
CS
F
CS
F
10 k
10 k
+
±
+
±
+
±
RG
RG
RS2
RS2
OPA 202
VOUT
CF
10 pF
CF
10 pF
CD
F
CD
F
6 V
RB
1 M
RB
1 M
CB
F
CB
F
Figure 9-6. Low-Noise, High-Input-Impedance Composite Amplifier
JFE150
SLPS732B – JUNE 2021 – REVISED APRIL 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: JFE150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com