Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH32401 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LMH32401 Datasheet PDF - Texas Instruments
Part # LMH32401
Download  LMH32401 Download
File Size   2105.55 Kbytes
Page   38 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMH32401-Q1 Automotive, 450-MHz, Programmable Gain, Differential Output Transimpedance Amplifier

LMH32401 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMH32401 Datasheet PDF - Texas Instruments

Part # LMH32401
Download  LMH32401 Click to download

File Size   2105.55 Kbytes
Page   38 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMH32401-Q1 Automotive, 450-MHz, Programmable Gain, Differential Output Transimpedance Amplifier

LMH32401 Datasheet (HTML) - Texas Instruments


LMH32401 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Integrated programmable gain: 2 kΩ or 20 kΩ
• Performance at gain = 2 kΩ, CPD = 1 pF:
– Bandwidth: 450 MHz
– Input-referred noise: 250 nARMS
– Rise and fall time: 0.8 ns
• Performance at gain = 20 kΩ, CPD = 1 pF:
– Bandwidth: 275 MHz
– Input-referred noise: 49 nARMS
– Rise and fall time: 1.3 ns
• Integrated ambient light cancellation
• Integrated 100-mA protection clamp
• Integrated output multiplexer
• Wide output swing: 1.5 VPP
• Quiescent current: 30 mA
• Package: 16-pin, wettable-flank VQFN

2 Applications
• Mechanically scanning LIDAR
• Solid-state scanning LIDAR
• Industrial robot LIDAR
• Smart Munitions

3 Description
The LMH32401-Q1 automotive device is a
programmable-gain, single-ended, input-to-differential
output transimpedance amplifier for light detection
and ranging (LIDAR) applications. The LMH32401-Q1
can be configured in a gain of 2 kΩ or 20 kΩ. The
LMH32401-Q1 has 1.5 VPP of output swing and is
designed to drive a 100-Ω load.
The LMH32401-Q1 has an integrated 100-mA clamp
that protects the amplifier and allows the device to
recover rapidly from an overloaded input condition.
The LMH32401-Q1 also features an integrated
ambient-light cancellation circuit. To save board
space, as well as reduce system cost, this circuit
can be used instead of ac coupling between the
photodiode (PD) or avalanche photodiode (APD) and
the amplifier. The ambient-light cancellation circuit can
be disabled in cases where dc coupling is required.
To conserve power when the amplifier is not being
used, the LMH32401-Q1 can be placed in low-power
mode using the EN pin. When the amplifier is in lowpower
mode, the output pins are in a high-impedance
state. This feature allows several LMH32401-Q1
amplifiers to be multiplexed to a single ADC with
the EN control pin serving as the multiplexer select
function.




Similar Part No. - LMH32401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH32401 TI1-LMH32401 Datasheet
1Mb / 28P
LMH32401 500-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
LMH32401 TI-LMH32401 Datasheet
2Mb / 40P
LMH32401 450-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
REVISED AUGUST 2022
LMH32401 TI-LMH32401 Datasheet
2Mb / 36P
LMH32401-Q1 Automotive, 450-MHz, Programmable-Gain, Differential-Output Transimpedance Amplifier
REVISED AUGUST 2023
LMH32401-Q1 TI-LMH32401-Q1 Datasheet
2Mb / 36P
LMH32401-Q1 Automotive, 450-MHz, Programmable-Gain, Differential-Output Transimpedance Amplifier
REVISED AUGUST 2023
LMH32401-Q1 TI-LMH32401-Q1_V01 Datasheet
2Mb / 36P
LMH32401-Q1 Automotive, 450-MHz, Programmable-Gain, Differential-Output Transimpedance Amplifier
REVISED AUGUST 2023
More results


Similar Description - LMH32401

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8015 AD-AD8015 Datasheet
153Kb / 8P
Wideband/Differential Output Transimpedance Amplifier
REV.A
logo
List of Unclassifed Man...
MTI04BS ETC1-MTI04BS Datasheet
271Kb / 10P
MULTI-CHANNEL PROGRAMMABLE GAIN TRANSIMPEDANCE AMPLIFIER
logo
Analog Devices
AD8015ARZ AD-AD8015ARZ Datasheet
156Kb / 8P
Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015 AD-AD8015_15 Datasheet
156Kb / 8P
Wideband/Differential Output Transimpedance Amplifier
REV. A
logo
Texas Instruments
LMH32401 TI1-LMH32401 Datasheet
1Mb / 28P
LMH32401 500-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
logo
Dialog Semiconductor
CCG1401 DIALOG-CCG1401 Datasheet
1Mb / 20P
Programmable Transimpedance Amplifier
logo
Texas Instruments
OPA3S2859 TI-OPA3S2859 Datasheet
2Mb / 33P
OPA3S2859 Dual-Channel, 900-MHz, 2.2-nV/?숰z, Programmable Gain Transimpedance Amplifier
MAY 2022
LMH32401 TI-LMH32401_V01 Datasheet
2Mb / 40P
LMH32401 450-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
REVISED AUGUST 2022
logo
Renesas Technology Corp
CCG1401 RENESAS-CCG1401 Datasheet
1Mb / 24P
Programmable Transimpedance Amplifier
Feb 28, 2022
logo
Texas Instruments
LMH32401-Q1 TI-LMH32401-Q1_V01 Datasheet
2Mb / 36P
LMH32401-Q1 Automotive, 450-MHz, Programmable-Gain, Differential-Output Transimpedance Amplifier
REVISED AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com