Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8015 Datasheet (PDF) - Analog Devices

AD8015 Datasheet PDF - Analog Devices
Part # AD8015
Download  AD8015 Download
File Size   153.0 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wideband/Differential Output Transimpedance Amplifier

AD8015 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8015 Datasheet PDF - Analog Devices

Part # AD8015
Download  AD8015 Click to download

File Size   153.0 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wideband/Differential Output Transimpedance Amplifier

AD8015 Datasheet (HTML) - Analog Devices


AD8015 Product details

PRODUCT DESCRIPTION
The AD8015 is a wide bandwidth, single supply transimpedance amplifier optimized for use in a fiber optic receiver circuit.
   
FEATURES
    Low Cost, Wide Bandwidth, Low Noise
    Bandwidth: 240 MHz
    Pulse Width Modulation: 500 ps
    Rise Time/Fall Time: 1.5 ns
        Input Current Noise: 3.0 pA/√Hz @ 100 MHz
        Total Input RMS Noise: 26.5 nA to 100 MHz
    Wide Dynamic Range
        Optical Sensitivity: –36 dBm @ 155.52 Mbps
        Peak Input Current: 6350 mA
    Differential Outputs
    Low Power: 5 V @ 25 mA
    Wide Operating Temperature Range: –408C to +858C
   
APPLICATIONS
    Fiber Optic Receivers: SONET/SDH, FDDI, Fibre Channel
    Stable Operation with High Capacitance Detectors
    Low Noise Preamplifiers
    Single-Ended to Differential Conversion
    I-to-V Converters
   




Similar Part No. - AD8015

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8015ARZ AD-AD8015ARZ Datasheet
156Kb / 8P
Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015 AD-AD8015_15 Datasheet
156Kb / 8P
Wideband/Differential Output Transimpedance Amplifier
REV. A
More results


Similar Description - AD8015

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4805-EPU TRIQUINT-TGA4805-EPU Datasheet
213Kb / 6P
10 GB/s Differential Transimpedance Amplifier
logo
Analog Devices
AD8015ARZ AD-AD8015ARZ Datasheet
156Kb / 8P
Wideband/Differential Output Transimpedance Amplifier
REV. A
logo
Texas Instruments
OPA857 TI1-OPA857 Datasheet
1Mb / 29P
Ultralow-Noise, Wideband, Selectable Feedback Resistance Transimpedance Amplifier
logo
Analog Devices
AD8015 AD-AD8015_15 Datasheet
156Kb / 8P
Wideband/Differential Output Transimpedance Amplifier
REV. A
logo
Texas Instruments
OPA857-DIE TI1-OPA857-DIE Datasheet
94Kb / 6P
Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
LMH32401 TI1-LMH32401 Datasheet
1Mb / 28P
LMH32401 500-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
LMH32401 TI-LMH32401_V01 Datasheet
2Mb / 40P
LMH32401 450-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
REVISED AUGUST 2022
LMH32401-Q1 TI-LMH32401-Q1 Datasheet
2Mb / 38P
LMH32401-Q1 Automotive, 450-MHz, Programmable Gain, Differential Output Transimpedance Amplifier
APRIL 2023
logo
Renesas Technology Corp
ISL55020 RENESAS-ISL55020 Datasheet
1Mb / 22P
Wideband, Low Distortion, Differential Amplifier
December 18, 2006
logo
Texas Instruments
LMH32401-Q1 TI-LMH32401-Q1_V01 Datasheet
2Mb / 36P
LMH32401-Q1 Automotive, 450-MHz, Programmable-Gain, Differential-Output Transimpedance Amplifier
REVISED AUGUST 2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com