Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG51002C Datasheet (PDF) - Renesas Technology Corp

SLG51002C Datasheet PDF - Renesas Technology Corp
Part # SLG51002C
Download  SLG51002C Download
File Size   748.18 Kbytes
Page   36 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches

SLG51002C Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG51002C Datasheet PDF - Renesas Technology Corp

Part # SLG51002C
Download  SLG51002C Click to download

File Size   748.18 Kbytes
Page   36 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches

SLG51002C Datasheet (HTML) - Renesas Technology Corp


SLG51002C Product details

General Description
SLG51002 contains eight compact and customizable low dropout regulators and is designed for high performance camera modules and other small multi-rail applications.

Key Features
■ Input voltage range:
□ 1.7 V to 5.0 V (3 x HV LDO)
□ 1.7 V to 5.0 V (2 x HC LDO)
□ 0.8 V to 1.5 V (3 x LV LDO)
■ Separate input supply and enable for flexible power configurations
■ Output voltage range:
□ 1.2 V to 3.75 V (3 x HV LDO)
□ 1.2 V to 3.75 V (2 x HC LDO)
□ 0.5 V to 1.4 V (3 x LV LDO)
■ Output current levels:
□ Up to 500 mA (3 x HV LDO)
□ Up to 500 mA (2 x HC LDO)
□ Up to 1000 mA (2 x LV LDO)
□ Up to 1300mA (1 x LV LDO)
■ LDO_HC and LDO_LV channels have Bypass Mode
■ PSRR of 83 dB at 1 kHz and 47 dB at 1 MHz (3 x HV LDO)
■ Low output voltage noise of 152 μV (3 x HV LDO)




Similar Part No. - SLG51002C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG51002 RENESAS-SLG51002 Datasheet
781Kb / 37P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
25-Jul-2023
SLG51002 RENESAS-SLG51002_V01 Datasheet
781Kb / 37P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
25-Jul-2023
More results


Similar Description - SLG51002C

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
MIC2827 MICREL-MIC2827 Datasheet
790Kb / 27P
Triple Output PMIC with HyperLight Load??DCDC, two LDOs, and I2C Control
logo
Intersil Corporation
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
Low Noise LDO with Low IQ and High PSRR
July 18, 2014
ISL9003AIENZ-T INTERSIL-ISL9003AIENZ-T Datasheet
331Kb / 12P
Low Noise LDO with Low IQ and High PSRR
July 18, 2014
logo
Renesas Technology Corp
ISL9008 RENESAS-ISL9008 Datasheet
497Kb / 10P
Low Noise LDO with Low IQ and High PSRR
logo
NXP Semiconductors
VR5510 NXP-VR5510 Datasheet
2Mb / 203P
Multi-Output PMIC with SMPS and LDO
VR5510 NXP-VR5510_V01 Datasheet
2Mb / 194P
Multi-Output PMIC with SMPS and LDO
Rev. 5-6 April 2022
logo
Renesas Technology Corp
SLG51001 RENESAS-SLG51001 Datasheet
767Kb / 25P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switch
10-May-2022
SLG51000 RENESAS-SLG51000 Datasheet
1Mb / 25P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
10-May-2022
logo
NXP Semiconductors
VR5510 NXP-VR5510_V02 Datasheet
2Mb / 203P
Multi-output PMIC with SMPS and LDO
Rev. 6 - 31 July 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com