Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2826 Datasheet (PDF) - Micrel Semiconductor

MIC2826 Datasheet PDF - Micrel Semiconductor
Part # MIC2826
Download  MIC2826 Download
File Size   819.89 Kbytes
Page   27 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control

MIC2826 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2826 Datasheet PDF - Micrel Semiconductor

Part # MIC2826
Download  MIC2826 Click to download

File Size   819.89 Kbytes
Page   27 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control

MIC2826 Datasheet (HTML) - Micrel Semiconductor


MIC2826 Product details

General Description
The Micrel MIC2826 is a four output, programmable Power Management IC, optimized for high efficiency power support in Mobile Application Processors, Co-Processors, DSPs, GPS and Media Player chipsets. The device integrates a single 500mA PWM/PFM synchronous buck (step-down) regulator with three Low Dropout Regulators and a 400kHz I²C interface that provides programmable Dynamic Voltage Scaling (DVS), Power Sequencing, and individual output Enable/Disable controls allowing the user to optimally control all four outputs.

Features
• Fast-mode I2C control interface
• Tiny 14-pin 2.5mm x 2.5mm MLF® package
• Default start-up voltage states and sequencing
• Fault indication processor flag - IRQb
• -40°C to 125°C junction temperature range
• Thermal shutdown and current-limit protection
• Power On After Fault (POAF) function

DC-DC Synchronous Buck
• 2.7V to 5.5V input voltage range
• 500mA continuous output current
• HyperLight Load™ mode
    – 25µA quiescent current
• 90% peak efficiency; 85% at 1mA
• Ultra-fast transient response
• Dynamic Voltage Scaling (DVS) range: 0.8V to 1.8V
    – 0.8V to 1.2V in 25mV steps
    – 1.2V to 1.8V in 50mV steps
• ±2% initial accuracy
• Low output voltage ripple: 20mVpp in HyperLight Load™ mode, 3mV in full PWM mode

LDOs
• 1.8V to VDVIN input voltage range
• 150mA output current (each LDO)
• Dynamic Voltage Scaling (each LDO)
    – DVS range: 0.8V to 3.3V in 50mV steps
• ±2% initial accuracy
• Low quiescent current – 50µA (each LDO)
• Low dropout voltage – 50mV @ 50mA
• Low output noise - 45µVRMS
• Stable with ceramic output capacitors
• 65dB PSRR at 1kHz

Applications
• Application processors
• GPS subsystems
• General purpose PMIC
• Mobile phones / PDAs
• Portable media players
• Mobile television receivers




Similar Part No. - MIC2826

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2821-4GJLYML MICREL-MIC2821-4GJLYML Datasheet
465Kb / 17P
Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
MIC2821-4GMSYML MICREL-MIC2821-4GMSYML Datasheet
465Kb / 17P
Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
MIC2827 MICREL-MIC2827 Datasheet
790Kb / 27P
Triple Output PMIC with HyperLight Load??DCDC, two LDOs, and I2C Control
MIC2829 MICREL-MIC2829 Datasheet
3Mb / 52P
3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation
MIC2829-A0YAL MICREL-MIC2829-A0YAL Datasheet
3Mb / 52P
3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation
More results


Similar Description - MIC2826

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2827 MICREL-MIC2827 Datasheet
790Kb / 27P
Triple Output PMIC with HyperLight Load??DCDC, two LDOs, and I2C Control
logo
Texas Instruments
TPS22993 TI1-TPS22993 Datasheet
624Kb / 6P
Quad Channel Load Switch with GPIO and I2C Control
logo
ams AG
AS3709 AMSCO-AS3709 Datasheet
930Kb / 74P
關PMIC with 5 DCDC and 2 LDOs
logo
ON Semiconductor
NCP6914 ONSEMI-NCP6914 Datasheet
848Kb / 36P
5 Channel PMIC: 1 DCDC Converter and 4 LDOs
April, 2014 ??Rev. 10
logo
Micrel Semiconductor
MIC7400 MICREL-MIC7400_15 Datasheet
5Mb / 68P
Configurable PMIC, Five-Channel Buck Regulator Plus One-Boost with HyperLight Load짰 and I2C Control
logo
Texas Instruments
TPS22993 TI1-TPS22993_16 Datasheet
2Mb / 38P
Quad Channel Load Switch with GPIO and I2C Control
logo
Renesas Technology Corp
SLG51001 RENESAS-SLG51001 Datasheet
767Kb / 25P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switch
10-May-2022
SLG51002 RENESAS-SLG51002 Datasheet
748Kb / 36P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
12-Sep-2022
ISL91212A RENESAS-ISL91212A Datasheet
2Mb / 52P
Triple/Quad Output PMIC with I2C Interface
Feb 20, 2020
SLG51000 RENESAS-SLG51000 Datasheet
1Mb / 25P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
10-May-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com