Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2829 Datasheet (PDF) - Micrel Semiconductor

MIC2829 Datasheet PDF - Micrel Semiconductor
Part # MIC2829
Download  MIC2829 Download
File Size   3652.29 Kbytes
Page   52 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation

MIC2829 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2829 Datasheet PDF - Micrel Semiconductor

Part # MIC2829
Download  MIC2829 Click to download

File Size   3652.29 Kbytes
Page   52 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation

MIC2829 Datasheet (HTML) - Micrel Semiconductor


MIC2829 Product details

General Description
The MIC2829 is a highly integrated Power Management Integrated Circuit (PMIC) designed for 3G/4G (HEDGE/LTE and WiMAX) USB wireless applications. It is a complete power management solution which provides power to processors, dual standard RF (such as HEDGE/LTE or WiMAX) transceivers and power amplifiers, memory, USB-PHY associated I/O interfaces and other system requirements.

Features
• Input voltage range: 2.7V to 5.5V
Six DC Step-Down Regulators
• Four HyperLight LoadTM step-down regulators
    - Low quiescent current – typical 40µA
    - DC1: 4MHz / 1000mA
    - DC2: 4MHz / 300mA (with voltage scaling)
    - DC3: 2.5MHz / 600mA
    - DC4: 4MHz / 600mA (with adjustable delay POR)
• Two PWM step-down regulators
    - DC5 and DC6: Fixed 2MHz / 800mA
    - 100% duty cycle
Eleven Low Dropout Regulators (LDOs)
• Five general purpose 200mA LDOs (LDO1-4, LDO11)
    - LDO3: 38mV dropout at 100mA
    - LDO2 and LDO4: 80mV dropout at 100mA
    - LDO1 and LDO11: 115mV dropout at 100mA
    - Output accuracy ± 3%
    - 40µA ground current
• Six high performance 200mA LNRs (LDO5-10)
    - High PSRR 70dB at 1kHz
    - Low noise: 20µVRMS
    - 40mV dropout at 100mA
    - Output accuracy ± 3%
    - 20µA ground current
• SIM card level translator
• SIM card power supply (50mA)
• Thermal shutdown and current limit protection
• UVLO – under voltage lockout protection
• 76-pin 5.5mm x 5.5mm LGA package
• 85-pin 5.5mm x 5.5mm FBGA package
• –40°C to +125°C operating junction temperature range

Applications
• 4G LTE USB modems
• 3G/4G (HEDGE/LTE) wireless chipsets
• WiMAX modems
• Express card modems
• UMPC/notebook PC wireless data communications
• Portable applications




Similar Part No. - MIC2829

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2821-4GJLYML MICREL-MIC2821-4GJLYML Datasheet
465Kb / 17P
Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
MIC2821-4GMSYML MICREL-MIC2821-4GMSYML Datasheet
465Kb / 17P
Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
MIC2827 MICREL-MIC2827 Datasheet
790Kb / 27P
Triple Output PMIC with HyperLight Load??DCDC, two LDOs, and I2C Control
More results


Similar Description - MIC2829

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA140.A.LB.001 TAOGLAS-MA140.A.LB.001_19 Datasheet
1Mb / 26P
Olympian 2in1 LTE 4G/3G/2G
logo
Shenzhen X-Powers Techn...
AXP152 XPOWER-AXP152 Datasheet
390Kb / 4P
Highly integrated PMIC with 4 DC/DC Buck Converters and 7 LDOs
AXP155 XPOWER-AXP155 Datasheet
398Kb / 3P
Highly integrated PMIC with 5 DC/DC Buck Converters and 10 LDOs
logo
Vecow Co., Ltd.
ECX-1000-POER VECOW-ECX-1000-POER Datasheet
445Kb / 2P
SIM Sockets for WiFi/4G/3G/LTE/GPRS/UMTS
IVH-9000-2R VECOW-IVH-9000-2R Datasheet
403Kb / 2P
Supports WiFi/4G/3G/LTE/GPRS/UMTS
IVH-9008-POER VECOW-IVH-9008-POER Datasheet
436Kb / 2P
Supports WiFi/4G/3G/LTE/GPRS/UMTS
IVH-9016-POER VECOW-IVH-9016-POER Datasheet
463Kb / 2P
Supports WiFi/4G/3G/LTE/GPRS/UMTS
logo
Pulse A Technitrol Comp...
W1919 PULSE-W1919 Datasheet
1Mb / 24P
3G/4G LTE 2xMiMo Vehicular Antenna
logo
NimbeLink Corp.
NL-SIM-VER-M1 NIMBELINK-NL-SIM-VER-M1 Datasheet
3Mb / 6P
Verizon 4G LTE Cat M1 SIM Card
Rev.02
logo
Suzhou Maswell Communic...
AN_GSM_915 MASWELL-AN_GSM_915 Datasheet
543Kb / 3P
Ceiling antenna for 4G LTE, 3G and Wifi coverage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com