Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2829 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2829
Description  3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2829 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2829 Datasheet HTML 1Page - Micrel Semiconductor MIC2829 Datasheet HTML 2Page - Micrel Semiconductor MIC2829 Datasheet HTML 3Page - Micrel Semiconductor MIC2829 Datasheet HTML 4Page - Micrel Semiconductor MIC2829 Datasheet HTML 5Page - Micrel Semiconductor MIC2829 Datasheet HTML 6Page - Micrel Semiconductor MIC2829 Datasheet HTML 7Page - Micrel Semiconductor MIC2829 Datasheet HTML 8Page - Micrel Semiconductor MIC2829 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
Micrel Inc.
MIC2829
May 2010
4
M9999-051410-B
Pin Configuration
76-Pin 5.5mm x 5.5mm LGA Package (AL)
(Top View)
85-Pin 5.5mm x 5.5mm FBGA Package (AB)
(Top View)
Pin Description
Pin # A
Pin # B
Pin # G
Pin name
Description
A1
AVIN1
Analog supply to chip. All AVIN pins should be tied together.
A2
INLDO6
Supply input to LNR6.
A3
LDO6
LNR6 output.
B1
LDO4
LDO4 output.
A4
INLDO45
Supply input to LDO4 and LNR5.
B2
LDO5
LNR5 output.
A5
BYP
Reference bypass pin. Connect a 0.1µF capacitor-to-ground.
B3
LDO9
LNR9 output.
A6
INLDO910
Supply input to LNR9 and LNR10.
B4
LDO10
LNR10 output.
A7
LDO7
LNR7 output.
B5
INLDO7
Supply input to LNR7.
A8
LDO8
LNR8 output.
B6
INLDO8
Supply input to LNR8.
A9
LDO3
LDO3 output.
A10
INLDO23
Supply input to LDO2 and LDO3.
A11
LDO2
LDO2 output.
A12
AVIN2
Analog supply to chip. All AVIN pins should be tied together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com