Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2829 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2829
Description  3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2829 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2829 Datasheet HTML 9Page - Micrel Semiconductor MIC2829 Datasheet HTML 10Page - Micrel Semiconductor MIC2829 Datasheet HTML 11Page - Micrel Semiconductor MIC2829 Datasheet HTML 12Page - Micrel Semiconductor MIC2829 Datasheet HTML 13Page - Micrel Semiconductor MIC2829 Datasheet HTML 14Page - Micrel Semiconductor MIC2829 Datasheet HTML 15Page - Micrel Semiconductor MIC2829 Datasheet HTML 16Page - Micrel Semiconductor MIC2829 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
Micrel Inc.
MIC2829
May 2010
13
M9999-051410-B
Typical Characteristics (Continued)
Typical HLL Output Voltage
vs. Input Voltage
1.10
1.12
1.14
1.16
1.18
1.20
1.22
1.24
1.26
1.28
1.30
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
VOUT_NOM = 1.2V
L = 2.2µH
COUT = 4.7µF
IOUT = 800mA
IOUT = 450mA
IOUT = 100mA
IOUT = 1mA
Typical PWM Output Voltage
vs. Input Voltage
1.990
1.992
1.994
1.996
1.998
2.000
2.002
2.004
2.006
2.008
2.010
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
VOUT_NOM = 2V
L = 2.2µH
COUT = 4.7µF
IOUT = 350mA
IOUT = 100mA
IOUT = 1mA
Typical PWM Output Voltage
vs. Input Voltage
1.990
1.992
1.994
1.996
1.998
2.000
2.002
2.004
2.006
2.008
2.010
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
VOUT_NOM = 2V
L = 2.2µH
COUT = 4.7µF
IOUT = 600mA
IOUT = 800mA
LDO1 Output Voltage
vs. Input Voltage
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.644.4
4.8
5.2
INPUT VOLTAGE (V)
VOUT_NOM = 3.3V
COUT = 1µF
IOUT = 1mA
IOUT = 100mA
IOUT = 200mA
LDO2 Output Voltage
vs. Input Voltage
2.30
2.32
2.34
2.36
2.38
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
VOUT_NOM = 2.5V
COUT = 1µF
IOUT = 1mA
IOUT = 100mA
IOUT = 200mA
LDO3 Output Voltage
vs. Input Voltage
2.70
2.72
2.74
2.76
2.78
2.80
2.82
2.84
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
VOUT_NOM = 2.8V
COUT = 1µF
IOUT = 1mA
IOUT = 200mA
IOUT = 100mA
LDO4 Output Voltage
vs. Input Voltage
2.71
2.73
2.75
2.77
2.79
2.81
2.83
2.85
2.87
2.89
2.91
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
VOUT_NOM = 2.85V
COUT = 1µF
IOUT = 1mA
IOUT = 100mA
IOUT = 200mA
LNR5 Output Voltage
vs. Input Voltage
2.70
2.72
2.74
2.76
2.78
2.80
2.82
2.84
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
VOUT_NOM = 2.8V
COUT = 2.2µF
IOUT = 1mA
IOUT = 200mA
IOUT = 100mA
LNR6 Output Voltage
vs. Input Voltage
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
VOUT_NOM = 2.5V
COUT = 2.2µF
IOUT = 1mA
IOUT = 200mA
IOUT = 100mA
LNR7 Output Voltage
vs. Input Voltage
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
VOUT_NOM = 1.8V
COUT = 2.2µF
IOUT = 1mA
IOUT = 200mA
IOUT = 100mA
LNR8 Output Voltage
vs. Input Voltage
1.40
1.42
1.44
1.46
1.48
1.50
1.52
1.54
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
VOUT_NOM = 1.5V
COUT = 2.2µF
IOUT = 1mA
IOUT = 200mA
IOUT = 100mA
LNR9/10 Output Voltage
vs. Input Voltage
1.10
1.12
1.14
1.16
1.18
1.20
1.22
1.24
2.73.13.53.9
4.3
4.75.15.5
INPUT VOLTAGE (V)
VOUT_NOM = 1.2V
COUT = 2.2µF
IOUT = 1mA
IOUT = 200mA
IOUT = 100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com