Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X40420 Datasheet (PDF) - Renesas Technology Corp

X40420 Datasheet PDF - Renesas Technology Corp
Part # X40420
Download  X40420 Download
File Size   985.61 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch

X40420 Datasheet (PDF)

Go To PDF Page Download Datasheet
X40420 Datasheet PDF - Renesas Technology Corp

Part # X40420
Download  X40420 Click to download

File Size   985.61 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch

X40420 Datasheet (HTML) - Renesas Technology Corp


X40420 Product details

FEATURES
• Dual voltage detection and reset assertion
—Three standard reset threshold settings
(4.6V/2.9V, 4.6V/2.6V, 2.9V/1.6V)
—VTRIP2 programmable down to 0.9V
—Adjust low voltage reset threshold voltages
using special programming sequence
—Reset signal valid to VCC = 1V
—Monitor two voltages or detect power fail
• Battery switch backup
• VOUT: 5mA to 50mA from VCC; or 250μA from
VBATT
• Fault detection register
• Selectable power-on reset timeout
(0.05s, 0.2s, 0.4s, 0.8s)
• Selectable watchdog timer interval
(25ms, 200ms, 1.4s, off)
• Debounced manual reset input
• Low power CMOS
—25μA typical standby current, watchdog on
—6μA typical standby current, watchdog off
—1μA typical battery current in backup mode
• 4Kbits of EEPROM
—16 byte page write mode
—Self-timed write cycle
—5ms write cycle time (typical)
• Built-in inadvertent write protection
—Power-up/power-down protection circuitry
—Block lock protect 0 or 1/2, of EEPROM
• 400kHz 2-wire interface
• 2.7V to 5.5V power supply operation
• Available packages
—14 Ld SOIC, TSSOP
• Pb-free plus anneal available (RoHS compliant)
• Monitor voltages: 5V to 1.6V
• Memory security




Similar Part No. - X40420

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40420 XICOR-X40420 Datasheet
156Kb / 25P
Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40420 INTERSIL-X40420 Datasheet
384Kb / 25P
Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
March 28, 2005
X40420S14-A INTERSIL-X40420S14-A Datasheet
384Kb / 25P
Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
March 28, 2005
X40420S14-A INTERSIL-X40420S14-A Datasheet
392Kb / 25P
Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
X40420S14-B INTERSIL-X40420S14-B Datasheet
384Kb / 25P
Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
March 28, 2005
More results


Similar Description - X40420

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40420 XICOR-X40420 Datasheet
156Kb / 25P
Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
March 28, 2005
X40420 INTERSIL-X40420 Datasheet
384Kb / 25P
Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
March 28, 2005
X55060 INTERSIL-X55060 Datasheet
375Kb / 23P
Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
March 28, 2005
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40020 INTERSIL-X40020_06 Datasheet
356Kb / 24P
Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 17, 2006
X40420 INTERSIL-X40420_06 Datasheet
392Kb / 25P
Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
logo
Renesas Technology Corp
X40020 RENESAS-X40020 Datasheet
928Kb / 24P
Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com