Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X55060 Datasheet (PDF) - Renesas Technology Corp

X55060 Datasheet PDF - Renesas Technology Corp
Part # X55060
Download  X55060 Download
File Size   863.06 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 64K Dual Voltage Monitor with Integrated System Battery Switch and EEPROM

X55060 Datasheet (PDF)

Go To PDF Page Download Datasheet
X55060 Datasheet PDF - Renesas Technology Corp

Part # X55060
Download  X55060 Click to download

File Size   863.06 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 64K Dual Voltage Monitor with Integrated System Battery Switch and EEPROM

X55060 Datasheet (HTML) - Renesas Technology Corp


X55060 Product details

FEATURES
• Dual voltage monitoring
• Active high and active low reset outputs
• Four standard reset threshold voltages
(4.6/2.9, 4.6/2.6, 2.9/1.6, 2.6/1.6)
—User programmable thresholds
• Lowline Output — Zero delayed POR
• Reset signal valid to VCC = 1V
• System battery switch-over circuitry
• Long battery life with low power consumption
—<50μA max standby current, watchdog on
—<30μA max standby current, watchdog off
• Selectable watchdog timer
—(0.15s, 0.4s, 0.8s, off)
• 64Kbits of EEPROM
• Built-in inadvertent write protection
—Power-up/power-down protection circuitry
—Protect none(0), or all of EEPROM array with
programmable Block Lock™ protection
—In circuit programmable ROM mode




Similar Part No. - X55060

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X55060 INTERSIL-X55060 Datasheet
375Kb / 23P
Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
March 28, 2005
X55060V20-2.7 INTERSIL-X55060V20-2.7 Datasheet
375Kb / 23P
Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
March 28, 2005
X55060V20-2.7A INTERSIL-X55060V20-2.7A Datasheet
375Kb / 23P
Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
March 28, 2005
X55060V20-4.5 INTERSIL-X55060V20-4.5 Datasheet
375Kb / 23P
Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
March 28, 2005
X55060V20-4.5A INTERSIL-X55060V20-4.5A Datasheet
375Kb / 23P
Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
March 28, 2005
More results


Similar Description - X55060

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40420 XICOR-X40420 Datasheet
156Kb / 25P
Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
March 28, 2005
X40420 INTERSIL-X40420 Datasheet
384Kb / 25P
Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
March 28, 2005
X45620 INTERSIL-X45620 Datasheet
370Kb / 20P
Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
July 29, 2005
X55060 INTERSIL-X55060 Datasheet
375Kb / 23P
Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
March 28, 2005
X40020 INTERSIL-X40020_06 Datasheet
356Kb / 24P
Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 17, 2006
X40420 INTERSIL-X40420_06 Datasheet
392Kb / 25P
Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
logo
Renesas Technology Corp
X40020 RENESAS-X40020 Datasheet
928Kb / 24P
Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
X40420 RENESAS-X40420 Datasheet
985Kb / 25P
4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
X45620 RENESAS-X45620 Datasheet
796Kb / 20P
Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
July 29, 2005
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com