Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X93256 Datasheet (PDF) - Renesas Technology Corp

X93256 Datasheet PDF - Renesas Technology Corp
Part # X93256
Download  X93256 Download
File Size   410.95 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Digitally Controlled Potentiometers (XDCPs™)

X93256 Datasheet (PDF)

Go To PDF Page Download Datasheet
X93256 Datasheet PDF - Renesas Technology Corp

Part # X93256
Download  X93256 Click to download

File Size   410.95 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Digitally Controlled Potentiometers (XDCPs™)

X93256 Datasheet (HTML) - Renesas Technology Corp


X93256 Product details

Features
• Dual solid-state potentiometers
• Individual Up/Down interfaces
• 32 wiper tap points per potentiometer
- Wiper position stored in nonvolatile memory and
recalled on power-up
• 31 resistive elements per potentiometer
- Temperature compensated
- Maximum resistance tolerance of ±25%
- Terminal voltage, 0 to VCC
• Low power CMOS
- VCC = 2.7V to 5.5V.
- Active current, 200μA typical per potentiometer
- Standby current, 4μA max per potentiometer
• High reliability
- Endurance 200,000 data changes per bit
- Register data retention, 100 years
• RTOTAL value = 12.5k, 50k
• Package
- 14 Ld TSSOP
• Pb-free available (RoHS compliant)




Similar Part No. - X93256

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93256 INTERSIL-X93256 Datasheet
211Kb / 9P
Dual Digitally Controlled Potentiometers
March 4, 2005
X93256 INTERSIL-X93256 Datasheet
333Kb / 9P
Dual Digitally Controlled Potentiometers
March 24, 2006
X93256 INTERSIL-X93256 Datasheet
189Kb / 7P
Dual Digitally Controlled Potentiometers(XDCPs??
February 1, 2008
X93256 INTERSIL-X93256 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
X93256 INTERSIL-X93256 Datasheet
186Kb / 7P
Dual Digitally Controlled Potentiometers
February 1, 2008
More results


Similar Description - X93256

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
Dual Digitally Controlled Potentiometers
March 1, 2005
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
Dual Digitally Controlled Potentiometers
March 4, 2005
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
Dual Digitally Controlled Potentiometers
July 17, 2006
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
Dual Digitally-Controlled Potentiometers
August 29, 2006
X93254 INTERSIL-X93254_08 Datasheet
182Kb / 8P
Dual Digitally Controlled Potentiometers(XDCPs??
February 4, 2008
X93255 INTERSIL-X93255_08 Datasheet
162Kb / 7P
Dual Digitally Controlled Potentiometers(XDCPs??
February 4, 2008
X93256 INTERSIL-X93256_08 Datasheet
189Kb / 7P
Dual Digitally Controlled Potentiometers(XDCPs??
February 1, 2008
logo
Renesas Technology Corp
X93254 RENESAS-X93254 Datasheet
424Kb / 8P
Dual Digitally Controlled Potentiometers (XDCPs??
X93255 RENESAS-X93255 Datasheet
388Kb / 7P
Dual Digitally Controlled Potentiometers (XDCPs??
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com