Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X96011 Datasheet (PDF) - Renesas Technology Corp

X96011 Datasheet PDF - Renesas Technology Corp
Part # X96011
Download  X96011 Download
File Size   386.21 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Temperature Sensor with Look-Up Table Memory and DAC

X96011 Datasheet (PDF)

Go To PDF Page Download Datasheet
X96011 Datasheet PDF - Renesas Technology Corp

Part # X96011
Download  X96011 Click to download

File Size   386.21 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Temperature Sensor with Look-Up Table Memory and DAC

X96011 Datasheet (HTML) - Renesas Technology Corp


X96011 Product details

Features
Single Programmable Current Generator
- ±1.6mA Max.
- 8-bit (256 Step) Resolution
- Internally Programmable Full Scale Current Outputs
Internal Voltage Reference
Integrated 8-bit A/D Converter
Temperature Compensation
- Internal Sensor
- -40°C to +100°C Range
- 2.2°C/step resolution
- EEPROM Look-up Table
Hot Pluggable
Write Protection Circuitry
- Intersil BlockLock™
- Logic Controlled Protection
2-wire Bus with 3 Slave Address Bits
3V to 5.5V, Single Supply Operation
Package
- 14 LD TSSOP
Pb-Free available (RoHS Compliant)




Similar Part No. - X96011

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X96011 INTERSIL-X96011 Datasheet
335Kb / 23P
Temperature Sensor with Look Up Table Memory and DAC
October 25, 2005
X96011 INTERSIL-X96011 Datasheet
287Kb / 18P
Temperature Sensor with Look-Up Table Memory and DAC
February 25, 2008
X96011V14I INTERSIL-X96011V14I Datasheet
335Kb / 23P
Temperature Sensor with Look Up Table Memory and DAC
October 25, 2005
X96011V14I INTERSIL-X96011V14I Datasheet
287Kb / 18P
Temperature Sensor with Look-Up Table Memory and DAC
February 25, 2008
X96011V14IZ INTERSIL-X96011V14IZ Datasheet
335Kb / 23P
Temperature Sensor with Look Up Table Memory and DAC
October 25, 2005
More results


Similar Description - X96011

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X96010 INTERSIL-X96010 Datasheet
372Kb / 26P
Sensor Conditioner with Dual Look Up Table Memory and DACs
October 25, 2005
X96011 INTERSIL-X96011 Datasheet
335Kb / 23P
Temperature Sensor with Look Up Table Memory and DAC
October 25, 2005
X96012 INTERSIL-X96012 Datasheet
383Kb / 27P
Universal Sensor Conditioner with Dual Look Up Table Memory and DACs
March 10, 2005
logo
National Semiconductor ...
LM2512 NSC-LM2512 Datasheet
903Kb / 22P
Mobile Pixel Link Level 0, 24-Bit RGB Display Interface Serializer with Dithering and Look Up Table Option
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
Intersil Corporation
X96012 INTERSIL-X96012_08 Datasheet
354Kb / 23P
Universal Sensor Conditioner with Dual Look-up Table Memory and DACs
February 20, 2008
X96011 INTERSIL-X96011_08 Datasheet
287Kb / 18P
Temperature Sensor with Look-Up Table Memory and DAC
February 25, 2008
logo
Texas Instruments
LM2512ASN TI-LM2512ASN Datasheet
1Mb / 28P
LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
Renesas Technology Corp
X96010 RENESAS-X96010 Datasheet
438Kb / 26P
Sensor Conditioner with Dual Look Up Table Memory and DACs
October 25, 2005
X96012 RENESAS-X96012 Datasheet
478Kb / 23P
Universal Sensor Conditioner with Dual Look-up Table Memory and DACs
February 20, 2008
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com