Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X96012 Datasheet (PDF) - Renesas Technology Corp

X96012 Datasheet PDF - Renesas Technology Corp
Part # X96012
Download  X96012 Download
File Size   478.68 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Universal Sensor Conditioner with Dual Look-up Table Memory and DACs

X96012 Datasheet (PDF)

Go To PDF Page Download Datasheet
X96012 Datasheet PDF - Renesas Technology Corp

Part # X96012
Download  X96012 Click to download

File Size   478.68 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Universal Sensor Conditioner with Dual Look-up Table Memory and DACs

X96012 Datasheet (HTML) - Renesas Technology Corp


X96012 Product details

Features
• Two Programmable Current Generators
- ±3.2mA Max
- 8-bit (256 Step) Resolution
- Internally Programmable Full Scale Current Outputs
- External Resistor Pin to Set Full Scale Current Outputs
• Integrated 8-bit A/D Converter
• Internal Voltage Reference with Output/Input
• Temperature Compensation
- Internal or External Sensor
- -40°C to +100°C Range
- +2.2°C/step Resolution
- EEPROM Look-up Tables
• Hot Pluggable
• 2176-bit EEPROM
- 17 Pages
- 16 Bytes per Page
• Write Protection Circuitry
- Intersil BlockLock™
- Logic Controlled Protection
- 2-wire Bus with 3 Slave Address Bits
• 3V to 5.5V, Single Supply Operation
• Package
- 14 Ld TSSOP
• Pb-Free Available (RoHS Compliant)




Similar Part No. - X96012

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X96012 INTERSIL-X96012 Datasheet
383Kb / 27P
Universal Sensor Conditioner with Dual Look Up Table Memory and DACs
March 10, 2005
X96012 INTERSIL-X96012 Datasheet
354Kb / 23P
Universal Sensor Conditioner with Dual Look-up Table Memory and DACs
February 20, 2008
X96012V14I INTERSIL-X96012V14I Datasheet
383Kb / 27P
Universal Sensor Conditioner with Dual Look Up Table Memory and DACs
March 10, 2005
X96012V14I INTERSIL-X96012V14I Datasheet
354Kb / 23P
Universal Sensor Conditioner with Dual Look-up Table Memory and DACs
February 20, 2008
X96012V14IZ INTERSIL-X96012V14IZ Datasheet
354Kb / 23P
Universal Sensor Conditioner with Dual Look-up Table Memory and DACs
February 20, 2008
More results


Similar Description - X96012

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X96010 INTERSIL-X96010 Datasheet
372Kb / 26P
Sensor Conditioner with Dual Look Up Table Memory and DACs
October 25, 2005
X96011 INTERSIL-X96011 Datasheet
335Kb / 23P
Temperature Sensor with Look Up Table Memory and DAC
October 25, 2005
X96012 INTERSIL-X96012 Datasheet
383Kb / 27P
Universal Sensor Conditioner with Dual Look Up Table Memory and DACs
March 10, 2005
logo
National Semiconductor ...
LM2512 NSC-LM2512 Datasheet
903Kb / 22P
Mobile Pixel Link Level 0, 24-Bit RGB Display Interface Serializer with Dithering and Look Up Table Option
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
Intersil Corporation
X96012 INTERSIL-X96012_08 Datasheet
354Kb / 23P
Universal Sensor Conditioner with Dual Look-up Table Memory and DACs
February 20, 2008
X96011 INTERSIL-X96011_08 Datasheet
287Kb / 18P
Temperature Sensor with Look-Up Table Memory and DAC
February 25, 2008
logo
Integrated Device Techn...
ZSSC3154 IDT-ZSSC3154 Datasheet
341Kb / 28P
Automotive Sensor Signal Conditioner with Dual Analog Output
logo
Renesas Technology Corp
X96010 RENESAS-X96010 Datasheet
438Kb / 26P
Sensor Conditioner with Dual Look Up Table Memory and DACs
October 25, 2005
X96011 RENESAS-X96011 Datasheet
386Kb / 18P
Temperature Sensor with Look-Up Table Memory and DAC
February 25, 2008
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com