Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM4013 Datasheet (PDF) - Renesas Technology Corp

ZSPM4013 Datasheet PDF - Renesas Technology Corp
Part # ZSPM4013
Download  ZSPM4013 Download
File Size   796.5 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ZSPM4013 High Efficiency 3A Synchronous Buck Converter

ZSPM4013 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSPM4013 Datasheet PDF - Renesas Technology Corp

Part # ZSPM4013
Download  ZSPM4013 Click to download

File Size   796.5 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ZSPM4013 High Efficiency 3A Synchronous Buck Converter

ZSPM4013 Datasheet (HTML) - Renesas Technology Corp


ZSPM4013 Product details

Features
•Output voltage options (depends on order code):
Fixed output voltages: 1.5V, 1.8V, 2.5V,3.3V, or 5V with +/- 2% output tolerance
Adjustable output voltage range: 0.9V to 5Vwith +/- 1.5% reference
•Wide input voltage range:6V to 18V
•1MHz +/- 10% fixed switching frequency
•3A continuous output current
•High efficiency – up to 95%
•Current mode PWM control with pulse-frequency modulation (PFM) mode forimproved light load efficiency
•Voltage supervisor for VOUT reported at the PGpin
•Input supply under voltage lockout
•Soft start for controlled startup with noovershoot
•Full protection for over-current, over-temperature, and VOUT over-voltage
•Less than 10μA in Disabled Mode
•Low external component count




Similar Part No. - ZSPM4013

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4013 ETC2-ZSPM4013 Datasheet
1Mb / 22P
High Efficiency 3A Synchronous Buck Converter
ZSPM4013AA1W00 ETC2-ZSPM4013AA1W00 Datasheet
1Mb / 22P
High Efficiency 3A Synchronous Buck Converter
ZSPM4013AA1W15 ETC2-ZSPM4013AA1W15 Datasheet
1Mb / 22P
High Efficiency 3A Synchronous Buck Converter
ZSPM4013AA1W18 ETC2-ZSPM4013AA1W18 Datasheet
1Mb / 22P
High Efficiency 3A Synchronous Buck Converter
ZSPM4013AA1W25 ETC2-ZSPM4013AA1W25 Datasheet
1Mb / 22P
High Efficiency 3A Synchronous Buck Converter
More results


Similar Description - ZSPM4013

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8521 BELLING-BL8521 Datasheet
633Kb / 8P
3A Synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4013 ETC2-ZSPM4013 Datasheet
1Mb / 22P
High Efficiency 3A Synchronous Buck Converter
ZSPM4013B ETC2-ZSPM4013B Datasheet
1Mb / 23P
High Efficiency 3A Synchronous Buck Converter
logo
Global Mixed-mode Techn...
G5333 GMT-G5333 Datasheet
156Kb / 1P
High Efficiency 8A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4013B IDT-ZSPM4013B Datasheet
661Kb / 21P
High Efficiency 3A Synchronous Buck Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
logo
uPI Group Inc.
UP1735 UPI-UP1735 Datasheet
236Kb / 13P
3A, 23V, High-Efficiency Synchronous-Rectified Buck Converter
logo
Renesas Technology Corp
ZSPM4013B RENESAS-ZSPM4013B Datasheet
819Kb / 22P
High Efficiency 3A Synchronous Buck Converter
January 25, 2016
logo
uPI Group Inc.
UP1707P UPI-UP1707P Datasheet
224Kb / 11P
3A, 23V, 340K High-Efficiency Synchronous-Rectified Buck Converter
UP1707S UPI-UP1707S Datasheet
157Kb / 13P
3A, 23V, 340K High-Efficiency Synchronous-Rectified Buck Converter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com