Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM9000 Datasheet (PDF) - Renesas Technology Corp

ZSPM9000 Datasheet PDF - Renesas Technology Corp
Part # ZSPM9000
Download  ZSPM9000 Download
File Size   1127.27 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Compact, High-Performance DrMOS Device

ZSPM9000 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSPM9000 Datasheet PDF - Renesas Technology Corp

Part # ZSPM9000
Download  ZSPM9000 Click to download

File Size   1127.27 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Compact, High-Performance DrMOS Device

ZSPM9000 Datasheet (HTML) - Renesas Technology Corp


ZSPM9000 Product details

Features
•Based on the Intel® 4.0 DrMOS standard
•Internal 12V to 5V linear regulator (LDO)
•High-current handling: up to 50A
•High-performance copper-clip package
•Tri-state 3.3V PWM input driver
•Skip Mode (low-side gate turn off) input (SMOD#)
•Warning flag for over-temperature conditions
•Driver output disable function (DISB# pin)
•Internal pull-up and pull-down for SMOD# andDISB# inputs, respectively
•Integrated Schottky diode technology in thelow-side MOSFET
•Integrated bootstrap Schottky diode
•Adaptive gate drive timing for shoot-throughprotection
•Under-voltage lockout (UVLO)
•Optimized for switching frequencies up to 1MHz
Available Support
•ZSPM8000-KIT: Closed Loop Evaluation Kitcombined for the ZSPM9000 and ZSPM1000
Physical Characteristics
•Operation temperature: -40°C to +125°C
•VIN: 8V to 15V (typical 12V)
•IOUT: 40A (average), 50A (maximum)
•Low-profile SMD package: 6mmx6mm PQFN40
•IDT green packaging and RoHS compliant




Similar Part No. - ZSPM9000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM9000 ETC2-ZSPM9000 Datasheet
1Mb / 28P
Ultra-Compact, High-Performance DrMOS Device
logo
Integrated Device Techn...
ZSPM9000 IDT-ZSPM9000 Datasheet
952Kb / 28P
Ultra-Compact, High-Performance DrMOS Device
logo
List of Unclassifed Man...
ZSPM9000AI1R ETC2-ZSPM9000AI1R Datasheet
1Mb / 28P
Ultra-Compact, High-Performance DrMOS Device
logo
Integrated Device Techn...
ZSPM9000AI1R IDT-ZSPM9000AI1R Datasheet
952Kb / 28P
Ultra-Compact, High-Performance DrMOS Device
More results


Similar Description - ZSPM9000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM9000 ETC2-ZSPM9000 Datasheet
1Mb / 28P
Ultra-Compact, High-Performance DrMOS Device
ZSPM9010 ETC2-ZSPM9010 Datasheet
1Mb / 27P
Ultra-Compact, High-Performance DrMOS Device
ZSPM9015 ETC2-ZSPM9015 Datasheet
727Kb / 24P
Ultra-Compact, High-Performance, High-Frequency DrMOS Device
logo
Integrated Device Techn...
ZSPM9000 IDT-ZSPM9000 Datasheet
952Kb / 28P
Ultra-Compact, High-Performance DrMOS Device
ZSPM9010 IDT-ZSPM9010 Datasheet
851Kb / 29P
Ultra-Compact, High-Performance DrMOS Device
ZSPM9015 IDT-ZSPM9015 Datasheet
434Kb / 22P
Ultra-Compact, High-Performance, High-Frequency DrMOS Device
ZSPM9060 IDT-ZSPM9060 Datasheet
715Kb / 30P
Ultra-Compact, High-Performance High-Frequency DrMOS Device
logo
Renesas Technology Corp
ZSPM9010 RENESAS-ZSPM9010 Datasheet
1Mb / 30P
Ultra-Compact, High-Performance DrMOS Device
January 25, 2016
ZSPM9015 RENESAS-ZSPM9015 Datasheet
607Kb / 23P
Ultra-Compact, High-Performance, High-Frequency DrMOS Device
January 25, 2016
ZSPM9060 RENESAS-ZSPM9060 Datasheet
888Kb / 31P
Ultra-Compact, High-Performance, High-Frequency DrMOS Device
January 27, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com